Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7550 Datasheet(PDF) 19 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 19 Page - Pixart Imaging Inc.

Back Button ADNS-7550 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 23Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
Product_ID
Address: 0x00
Access: Read
Reset Value: 0x32
Data Type: 8-Bit unsigned integer
USAGE: This register contains a unique identification assigned to the ADNS-7550. The value in this register does not
change; it can be used to verify that the serial communications link is functional.
Bit
76543210
Field
PID7
PID6
PID5
PID4
PID3
PID2
PID1
PID0
Bit
76543210
Field
RID7
RID6
RID5
RID4
RID3
RID2
RID1
RID0
Revision_ID
Address: 0x01
Access: Read
Reset Value: 0x03
Data Type: 8-Bit unsigned integer.
USAGE: This register contains the IC revision. It is subject to change when new IC versions are released.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com