Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7550 Datasheet(PDF) 28 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 28 Page - Pixart Imaging Inc.

Back Button ADNS-7550 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 32Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
LSRPWR_CFG0
Address: 0x1c
Access: Read/Write
Reset Value: 0x00
Data Type: 8 Bit unsigned
USAGE: This register is used to set the laser current. It is to be used together with register 0x1D, where register 0x1D
contains the complement of register 0x1C. If the registers do not contain complementary values, the laser is turned
off and the LP_VALID bit in the MOTION register is set to 0. The registers may be written in any order after the power
ON reset.
Bit
7
6
5
4
3
2
1
0
Field
LP7
LP6
LP5
LP4
LP3
LP2
LP1
LP0
Field Name
Description
LP7 – LP0
Controls the 8-bit DAC for adjusting laser current.
One step is equivalent to (1/384)*100% = 0.26% drop of relative laser current.
Refer to the table below for examples of relative laser current settings.
LP7 - LP3
LP 2
LP 1
LP 0
Relative Laser Current
00000
0
0
0
33.59%
00000
0
0
1
33.85%
00000
0
1
0
34.11%
: :
:
:
:
: :
11111
1
0
1
99.48%
11111
1
1
0
99.74%
11111
1
1
1
100%
LSRPWR_CFG1
Address: 0x1d
Access: Read/Write
Reset Value: 0x00
Data Type: 8 Bit unsigned
USAGE: The value in this register must be a complement of register 0x1C for laser current to be as programmed,
otherwise the laser is turned off and the LP_VALID bit in the MOTION register is set to 0. Registers 0x1C and 0x1D may
be written in any order after power ON reset.
Bit
7
6
5
4
3
2
1
0
Field
LPC7
LPC6
LPC5
LPC4
LPC3
LPC2
LPC1
LPC0
Reserved
Address: 0x1e
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com