Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7550 Datasheet(PDF) 30 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 30 Page - Pixart Imaging Inc.

Back Button ADNS-7550 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 31Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 32Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30
Pixel_Grab
Address: 0x35
Access: Read/Write
Reset Value: 0x00
Data Type: 8 Bit Word
USAGE: For test purposes, the sensor will read out the contents of the pixel array, one pixel per frame. To start a pixel
grab, write anything to this register to reset the pointer to pixel 0,0. Then read the PIXRDY bit in the Motion register.
When the PIXRDY bit is set, there is valid data in this register to read out. After the data in this register is read, the
pointer will automatically increment to the next pixel. Reading may continue indefinitely; once a complete frame’s
worth of pixels has been read, PIXFIRST will be set to high to indicate the start of the first pixel and the address pointer
will start at the beginning location again.
Bit
7
6
5
4
3
2
1
0
Field
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Top X-ray View of Mouse
RB
LB
P
O
S
I
T
I
V
E
Y
POSITIVE X
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 26. Pixel Address Map (sensor looking on the navigation surface through the lens)
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com