Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7550 Datasheet(PDF) 27 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 27 Page - Pixart Imaging Inc.

Back Button ADNS-7550 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 30Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 31Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
LASER_CTRL0
Address: 0x1a
Access: Read/Write
Reset Value: 0x00
Data Type: Bit field
USAGE: This register is used to control the laser drive. Bits 7 and 6 require complement values in register 0x1F. If the
registers do not contain complementary values for these bits, the laser is turned off and the LP_VALID bit in the
MOTION register is set to 0. The registers may be written in any order after the power ON reset.
Bit
7
6
5
4
3
2
1
0
Field
Range1
Range0
Reserved
Reserved
CAL2
CAL1
CAL0
Force_Disable
Field Name
Description
Range[1:0]
Rbin Settings
00= Laser current range from approximately 0.9mA to 3mA
01= Laser current range from approximately 2mA to 5mA
11 = Laser current range from approximately 4mA to 10mA
10 = Invalid setting, LPVALID will be set and laser will off.
CAL2-0
Laser calibration mode
- Write 101b to bits [3,2,1] to set the laser to continuous ON (CW) mode.
- Write 000b to exit laser calibration mode, all other values are not recommended.
Reading the Motion register (0x02 or 0x42) will reset the value to 000b and exit
calibration mode.
Force_Disable
LASER force disabled
0 = LASER_NEN functions as normal
1 = LASER_NEN output is high.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com