Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7550 Datasheet(PDF) 25 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 25 Page - Pixart Imaging Inc.

Back Button ADNS-7550 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 29Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
CRC0
Address: 0x0c
Access: Read
Reset Value: 0x00
Data Type: Eight-bit number.
USAGE: Register 0x0c reports the first byte of the system self test results. Value = F4.
Bit
7
6
5
4
3
2
1
0
Field
CRC07
CRC06
CRC05
CRC04
CRC03
CRC02
CRC01
CRC00
CRC1
Address: 0x0d
Access: Read
Reset Value: 0x00
Data Type: Eight-bit number.
USAGE: Register 0x0d reports the second byte of the system self test results. Value = 54.
Bit
7
6
5
4
3
2
1
0
Field
CRC17
CRC16
CRC15
CRC14
CRC13
CRC12
CRC11
CRC10
CRC2
Address: 0x0e
Access: Read
Reset Value: 0x00
Data Type: Eight-bit number.
USAGE: Register 0x0e reports the third byte of the system self test results. Value = 6D.
Bit
7
6
5
4
3
2
1
0
Field
CRC27
CRC26
CRC25
CRC24
CRC23
CRC22
CRC21
CRC20
CRC3
Address: 0x0f
Access: Read
Reset Value: 0x00
Data Type: Eight-bit number.
USAGE: Register 0x0f reports the fourth byte of the system self test results. Value = EB.
Bit
7
6
5
4
3
2
1
0
Field
CRC37
CRC36
CRC35
CRC34
CRC33
CRC32
CRC31
CRC30
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com