Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7550 Datasheet(PDF) 16 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 16 Page - Pixart Imaging Inc.

Back Button ADNS-7550 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 20Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
If the rising edge of SCLK for the last address bit of the read command occurs before the required delay (tSWR), the
write command may not complete correctly.
Next Read or
Write Operation
Data
tSRAD
Read Operation
Address
tSRW & t SRR
Address
SCLK
Figure 20. Timing between read and either write or subsequent read commands
During a read operation SCLK should be delayed at least tSRAD after the last address data bit to ensure that the ADNS-
7550 has time to prepare the requested data. The falling edge of SCLK for the first address bit of either the read or
write command must be at least tSRR or tSRW after the last SCLK rising edge of the last data bit of the previous read
operation.
Required timing between Read and Write Commands
There are minimum timing requirements between read and write commands on the serial port.
SCLK
Address
Data
t
SWW
Write Operation
Address
Data
Write Operation
Figure 18. Timing between two write commands
If the rising edge of the SCLK for the last data bit of the second write command occurs before the required delay
(tSWW), then the first write command may not complete correctly.
Address
Data
Write Operation
Address
Next Read
Operation
SCLK
t
SWR
Figure 19. Timing between write and read commands
Burst Mode Operation
Burst mode is a special serial port operation mode that may be used to reduce the serial transaction time for a motion
read. The speed improvement is achieved by continuous data clocking to or from multiple registers without the need
to specify the register address, and by not requiring the normal delay period between data bytes.
Burst mode is activated by reading the Motion_Burst register. The ADNS-7550 will respond with the contents of the
Motion, Delta_X_L, Delta_Y_L, Delta_XY_H, SQUAL, Shutter_Upper, Shutter_Lower and Maximum_Pixel registers in
that order. The burst transaction can be terminated anywhere in the sequence after the Delta_X value by bringing the
NCS pin high. After sending the register address, the micro-controller must wait tSRAD and then begin reading data.
All data bits can be read with no delay between bytes by driving SCLK at the normal rate. The data are latched into the
output buffer after the last address bit is received. After the burst transmission is complete, the micro-controller must
raise the NCS line for at least tBEXIT to terminate burst mode. The serial port is not available for use until it is reset with
NCS, even for a second burst transmission.
Motion_Burst Register Address
Read First Byte
First Read Operation
Read Second Byte
SCLK
tSRAD
Read Third Byte
Figure 21. Motion Burst Timing
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com