Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7550 Datasheet(PDF) 18 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 18 Page - Pixart Imaging Inc.

Back Button ADNS-7550 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 16Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 17Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 18Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 19Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 20Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 21Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 22Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
Registers
The ADNS-7550 registers are accessible via the serial port. The registers are used to read motion data and status as
well as to set the device configuration.
Address
Register
Read/Write
Default Value
0x00
Product_ID
R
0x32
0x01
Revision_ID
R
0x03
0x02
Motion
R/W
0x00
0x03
Delta_X_L
R
0x00
0x04
Delta_Y_L
R
0x00
0x05
Delta_XY_H
R
0x00
0x06
SQUAL
R
0x00
0x07
Shutter_Upper
R
0x00
0x08
Shutter_Lower
R
0x64
0x09
Maximum_Pixel
R
0xd0
0x0a
Pixel_Sum
R
0x80
0x0b
Minimum_Pixel
R
0x00
0x0c
CRC0
R
0x00
0x0d
CRC1
R
0x00
0x0e
CRC2
R
0x00
0x0f
CRC3
R
0x00
0x10
Self_Test
W
NA
0x11
Reserved
0x12
Configuration2_Bits
R/W
0x28
0x13-0x19
Reserved
0x1a
LASER_CTRL0
R/W
0x00
0x1b
Reserved
0x1c
LSRPWR_CFG0
R/W
0x00
0x1d
LSRPWR_CFG1
R/W
0x00
0x1e
Reserved
0x1f
LASER_CTRL1
R/W
0x00
0x20-0x2d
Reserved
0x2e
Observation
R/W
0x00
0x2f-0x34
Reserved
0x35
Pixel_Grab
R/W
0x00
0x36
H_RESOLUTION
R/W
0x04
0x37-0x39
Reserved
0x3a
POWER_UP_RESET
W
NA
0x3b
Shutdown
W
NA
0x3c
Reserved
0x3d
Shut_thr
R/W
0x56
0x3e
Inverse_Revision_ID
R
0xfc
0x3f
Inverse_Product_ID
R
0xcd
0x42
Motion_Burst
R
0x00
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com