Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1119 Datasheet(PDF) 7 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 7 Page - ams AG

Back Button AS1119 Datasheet HTML 3Page - ams AG AS1119 Datasheet HTML 4Page - ams AG AS1119 Datasheet HTML 5Page - ams AG AS1119 Datasheet HTML 6Page - ams AG AS1119 Datasheet HTML 7Page - ams AG AS1119 Datasheet HTML 8Page - ams AG AS1119 Datasheet HTML 9Page - ams AG AS1119 Datasheet HTML 10Page - ams AG AS1119 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
6 - 30
AS1119
Datasheet - Electrical Character i s t ics
Notes:
1. The Min / Max values of the Timing Characteristics are guaranteed by design.
2. All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC
(Statistical Quality Control) methods.
Figure 3. Timing Diagram
Table 5. I²C Timing Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
SCL Frequency
100
1000
kHz
tBUF
Bus Free Time Between STOP and START Conditions
1.3
µs
tHOLDSTART
Hold Time for Repeated
START Condition
160
ns
tLOW
SCL Low Period
50
75
ns
tHIGH
SCL High Period
50
75
ns
tSETUPSTART
Setup Time for Repeated
START Condition
100
ns
tSETUPDATA Data Setup Time
10
ns
tHOLDDATA Data Hold Time
70
ns
tRISE(SCL)
SCL Rise Time
10
40
ns
tRISE(SCL1)
SCL Rise Time after Repeated START Condition and After
an ACK Bit
10
80
ns
tFALL(SCL)
SCL Fall Time
10
40
ns
tRISE(SDA)
SDA Rise Time
20
80
ns
tFALL(SDA)
SDA Fall Time
20
80
ns
tSETUPSTOP STOP Condition Setup Time
160
ns
tSPIKESUP
Pulse Width of Spike Suppressed
50
ns
Repeated
START
SDI
SCL
START
STOP
tBUF
tLOW
tHOLDSTART
tHOLDDATA
tR
tHIGH
tF
tSETUPDATA
tHOLDSTART
tSPIKESUP
tSETUPSTOP
tSETUPSTART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com