Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1119 Datasheet(PDF) 25 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 25 Page - ams AG

Back Button AS1119 Datasheet HTML 21Page - ams AG AS1119 Datasheet HTML 22Page - ams AG AS1119 Datasheet HTML 23Page - ams AG AS1119 Datasheet HTML 24Page - ams AG AS1119 Datasheet HTML 25Page - ams AG AS1119 Datasheet HTML 26Page - ams AG AS1119 Datasheet HTML 27Page - ams AG AS1119 Datasheet HTML 28Page - ams AG AS1119 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
24 - 30
AS1119
Datasheet - Regi s t er Description
AS1119 Config Register (0x04)
In this register the configuration of the charge pumps is set to 2 or 3 blocks. The direction of the SYNC_IN/SYNC_OUT pin (input or output) is
also set. Per default this register is set to 0x00.
3:0
number of displayed
current sources in one
frame
(scan-limit)
0111
R/W
2 Matrix setting
Matrix A
Matrix B
0000: CS0
0001: CS0 to CS1
0010: CS0 to CS2
0011: CS0 to CS3
0100: CS0 to CS4
0101: CS0 to CS5
0110: CS0 to CS6
0111: CS0 to CS7
1000: CS0 to CS8
0000: CS0
0001: CS0 to CS1
0010: CS0 to CS2
0011: CS0 to CS3
0100: CS0 to CS4
0101: CS0 to CS5
0110: CS0 to CS6
0111: CS0 to CS7
1000: CS0 to CS8
3 Matrixes setting
Matrix A
Matrix B
Matrix C
0000: CS0
0001: CS0 to CS1
0010: CS0 to CS2
0011: CS0 to CS3
0100: CS0 to CS4
0101: CS0 to CS5
0000: CS6
0001: CS6 to CS7
0010: CS6 to CS8
0011: CS6 to CS9
0100: CS6 to CS10
0101: CS6 to CS11
0000: CS12
0001: CS12 to CS13
0010: CS12 to CS14
0011: CS12 to CS15
0100: CS12 to CS16
0101: CS12 to CS17
Table 20. AS1119 Config Register Format
0x04 AS1119 Config Register
Bit
Bit Name
Default
Access
Bit Description
7:3
-
00000
n/a
2:1
Sync
00
R/W
00: internal oscillator is system-clk. No synchronisation on pin B6. Tie pin to
high or low.
01: internal oscillator is system-clk. System-clk is available on pin B6 for
synchronization. (output)
10: internal oscillator is disabled. Pin B6 is used as clk input for system-clk.
11: do not use
0
Matrix Configuration
0
R/W
0: 3 matrixes (à 5x6 LED-Matrix)
1: 2 matrixes (à 8x9 LED-Matrix)
Table 19. Display Option Register Format
0x03 Display Option Register
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com