Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1119 Datasheet(PDF) 24 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 24 Page - ams AG

Back Button AS1119 Datasheet HTML 20Page - ams AG AS1119 Datasheet HTML 21Page - ams AG AS1119 Datasheet HTML 22Page - ams AG AS1119 Datasheet HTML 23Page - ams AG AS1119 Datasheet HTML 24Page - ams AG AS1119 Datasheet HTML 25Page - ams AG AS1119 Datasheet HTML 26Page - ams AG AS1119 Datasheet HTML 27Page - ams AG AS1119 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
23 - 30
AS1119
Datasheet - Regi s t er Description
Frame Time Register (0x02)
Every single frame in a movie is displayed for a certain time before the next frame is displayed. This time can be set within this register with 4
bits. The stated values in Table 18 are typical values. Per default this register is set to 0x00.
Display Option Register (0x03)
With the scan-limit it can be controlled how many digits are displayed in each matrix. When all 18 digits in the 2 matrix configuration are dis-
played, the display scan rate is 430Hz (typ.). If the number of digits to display is reduced, the update frequency is increased. Per default this reg-
ister is set to 0x07.
Table 18. Frame Time Register Format
0x02 Frame Time Register
Bit
Bit Name
Default
Access
Bit Description
7:4
-
00
n/a
3:0
Delay between frame
change in a movie
000
R/W
0000:play frame only one time
0001: 32.5ms
0010: 65ms
0011: 97.5ms
0100: 130ms
0101: 162.5ms
0110: 195ms
0111: 227.5ms
1000: 260ms
1001: 292.5ms
1010: 325ms
1011:357.5ms
1100: 390ms
1101: 422.5ms
1110: 455ms
1111: 487.5ms
Table 19. Display Option Register Format
0x03 Display Option Register
Bit
Bit Name
Default
Access
Bit Description
7-
0
n/a
6
intensity setting
0R/W
0: use intensity setting of frame 0 for all other frames
1: set the intensity of each frame independently
5
start with blink
0R/W
0: start blinking with LED on
1: start blinking with LED off
4
blink period
0R/W
0: 1.5s
1: 3s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com