Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1119 Datasheet(PDF) 3 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 3 Page - ams AG

  AS1119 Datasheet HTML 1Page - ams AG AS1119 Datasheet HTML 2Page - ams AG AS1119 Datasheet HTML 3Page - ams AG AS1119 Datasheet HTML 4Page - ams AG AS1119 Datasheet HTML 5Page - ams AG AS1119 Datasheet HTML 6Page - ams AG AS1119 Datasheet HTML 7Page - ams AG AS1119 Datasheet HTML 8Page - ams AG AS1119 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
2 - 30
AS1119
Datasheet - Pinout
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
VDD1, VDD2,
VDD3
A6, E5, E1
Positive Supply Voltage. Connect to a +2.7V to +5.5V supply. Bypass this pin with 10µF capacitance
to GND1, GND2, GND3.
VCP
F1
Charge-Pump Output Voltage. Connect a 2.2µF capacitor to GND3.
C1-, C1+
B1, C1
Flying Cap 1. Connect a 1µF capacitor.
C2-, C2+
A1, D1
Flying Cap 2. Connect a 1µF capacitor.
GND1
B5
Ground for VDD1. Used for CS0-CS8
GND2
F5
Ground for VDD2. Used for CS9-CS17
GND3
A2
Ground for VDD3. Used for Charge-Pump
SDA
C6
Serial-Data I/O. Open drain digital I/O I²C data pin.
SCL
D6
Serial-Clock Input.
AD0
C5
I²C Address for bit 0. Put to GND or VDD to set I²C addresses.
AD1
D5
I²C Address for bit 1. Put to GND or VDD to set I²C addresses.
RSTN
F6
Reset Input. Pull this pin to logic low to reset all control registers (set to default values) and to put the
device into power-down. For normal operation pull this pin to VDD.
SYNC_IN,
SYNC_OUT
B6
Synchronization Clock Input or Output
IRQ
E6
Interrupt Request. Open drain digital Output.
C2-
GND3
CS2
CS1
A1
A2
A3
A4
CS5
CS4
CS3
B1
B2
B3
B4
C1+
CS8
CS7
CS6
C1
C2
C3
C4
C2+
CS11
CS10
CS9
D1
D2
D3
D4
VDD3
CS14
CS13
CS12
E1
E2
E3
E4
VCP
CS17
CS16
CS15
F1
F2
F3
F4
CS0
A5
GND1
B5
AD0
C5
AD1
D5
VDD2
E5
GND2
F5
VDD1
A6
SYNC_IN/
SYNC_OUT
B6
SDA
C6
SCL
D6
IRQ
E6
RSTN
F6
C1-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com