Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1119 Datasheet(PDF) 8 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 8 Page - ams AG

Back Button AS1119 Datasheet HTML 4Page - ams AG AS1119 Datasheet HTML 5Page - ams AG AS1119 Datasheet HTML 6Page - ams AG AS1119 Datasheet HTML 7Page - ams AG AS1119 Datasheet HTML 8Page - ams AG AS1119 Datasheet HTML 9Page - ams AG AS1119 Datasheet HTML 10Page - ams AG AS1119 Datasheet HTML 11Page - ams AG AS1119 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
7 - 30
AS1119
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
Figure 4. Segment Drive Current vs. Supply Voltage
Figure 5. Segment Drive Current vs. Temperature
28
28.5
29
29.5
30
30.5
31
2.7
2.9
3.1
3.3
3.5
3.7
3.9
Supply Voltage (V)
+25°C
-45°C
+85°C
28
28.5
29
29.5
30
30.5
31
-45
-25
-5
15
35
55
75
Temperature (°C)
Vdd = 2.7V
Vdd = 3.0V
Vdd = 3.3V
Vdd = 4.0V
Figure 6. Segment Drive Current vs. Output Voltage
Figure 7. RONNMOS vs. Supply Voltage
28
28.5
29
29.5
30
30.5
31
1.6
2
2.4 2.8 3.2 3.6
4
4.4 4.8 5.2
Output Voltage (V)
Vdd = 2.7V
Vdd = 3.3V
Vdd = 4.0V
Vdd = 5.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Supply Voltage (V)
-45°C
+25°C
+85°C
Figure 8. Open Detection Level vs. Supply Voltage
Figure 9. Short Detection Level vs. Supply Voltage
0
50
100
150
200
250
300
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Supply Voltage (V)
-45°C
+25°C
+85°C
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Supply Voltage (V)
-45°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com