Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1119 Datasheet(PDF) 6 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 6 Page - ams AG

Back Button AS1119 Datasheet HTML 2Page - ams AG AS1119 Datasheet HTML 3Page - ams AG AS1119 Datasheet HTML 4Page - ams AG AS1119 Datasheet HTML 5Page - ams AG AS1119 Datasheet HTML 6Page - ams AG AS1119 Datasheet HTML 7Page - ams AG AS1119 Datasheet HTML 8Page - ams AG AS1119 Datasheet HTML 9Page - ams AG AS1119 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
5 - 30
AS1119
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
VDD = 2.7V to 5.5V, TAMB = -40°C to +85°C, typ. values are at TAMB = +25ºC (unless otherwise specified).
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TAMB
Operating Temperature Range
-40
85
°C
VDD
Operating Supply Voltage
2.7
5.5
V
IDDSD
Software Shutdown Supply Current
All digital inputs at VDD or GND, VDD =
5.5V, TAMB = +25ºC
7µA
IDDFSD
Full Shutdown Supply Current
Pin RSTN = 0V, TAMB = +25ºC
0.1
1
µA
IDD
Operating Supply Current
(all current sources turned off)
CP disabled @ VDD = 5.5V
1.4
mA
With CP in 2:3 mode
@ VDD = 2.7V
3
With CP in 1:2 mode
@ VDD = 2.7V
4
ISTART
max. Peak Inrush Current
1.5
A
max. DC Current
700
mA
IDIGIT
Digit Drive Sink Current
(Drive capability of all sources of one digit
1,2
)
1. Not all sources are allowed to be fully on at the same time.
2. guaranteed by design
CP disabled
500
mA
CP enabled
VDD < 3.3V
160
VDD
≥ 3.3V
320
ISEG
Segment Drive Source Current LED
VOUT = 1.8V to VDD-400mV
28
30
32
mA
ΔISEG
Segment Drive Current Matching LED
3
3.
2%
VDSSAT
Saturation Voltage
Current = 30mA, VDD = 5V
100
mV
RDSON(N)
Resistance for NMOS
0.5
1
Ω
fOSC
Oscillator Frequency
0.9
1
1.1
MHz
fREFRESH
Display Scan Rate
2 time 9x8 matrixes
0.39
0.43
0.48
kHz
Table 4. Logic Inputs/Outputs Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IIH, IIL
Logic Input Current
VIN = 0V or VDD
-1
1
µA
VIH
Logic High Input Voltage
1.6
V
VIL
Logic Low Input Voltage
0.6
V
ΔVI
Hysteresis Voltage
0.1
V
VOL(SDA)
SDA Output Low Voltage
ISINK = 3mA
0.4
V
VOL(IRQ)
IRQ Output Low Voltage
ISINK = 3mA
0.4
V
VOL(SYNC_O
UT)
Sync Clock Output Low Voltage
ISINK = 1mA
0.4
V
VOH(SYNC_O
UT)
Sync Clock Output High Voltage
ISOURCE = 1mA
VDD-0.4
V
Open Detection Level Threshold
VDD-0.4
VDD-
0.1
V
Short Detection Level Threshold
0.9
1.2
V
Capacitive Load for Each Bus Line
SCL Frequency = 400kHz
400
pF
SCL Frequency = 1000kHz
100
I
SEG
I
max
I
min
–
I
max
I
min
+
---------------------------
100
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com