Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1119 Datasheet(PDF) 23 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 23 Page - ams AG

Back Button AS1119 Datasheet HTML 19Page - ams AG AS1119 Datasheet HTML 20Page - ams AG AS1119 Datasheet HTML 21Page - ams AG AS1119 Datasheet HTML 22Page - ams AG AS1119 Datasheet HTML 23Page - ams AG AS1119 Datasheet HTML 24Page - ams AG AS1119 Datasheet HTML 25Page - ams AG AS1119 Datasheet HTML 26Page - ams AG AS1119 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
22 - 30
AS1119
Datasheet - Regi s t er Description
Frame Address Register (0x00)
In this register it must be set if a picture or a movie is to display on the LED matrix. Also the start address of the the movie or the picture which
should be displayed must be set within this register. The default setting of this register is 0x00.
Note:
If bit 6 and 7 are set to ‘1’ the AS1119 will play the movie first and than the picture will be displayed.
Frame Play Register (0x01)
Within this register two movie play obtions can be set. Per default this register is set to 0x00.
- The number of frames which are displayed in one movie.
- The number of loops to play in a movie.
Note:
To stopp a movie in play endless mode, bits D5:D3 have to be set to a value between 000 to 110.
Table 16. Frame Address Register Format
0x00 Frame Address Register
Bit
Bit Name
Default
Access
Bit Description
7
Play Movie
0R/W
0: no movie
1: play movie
6
Display Picture
0R/W
0: no picture
1: display picture
5:3
Start Address for movie
000
R/W
000: Frame 0
001: Frame 1
010: Frame 2
011: Frame 3
100: Frame 4
101: Frame 5
2:0
Address of Picture
000
R/W
000: Frame 0
001: Frame 1
010: Frame 2
011: Frame 3
100: Frame 4
101: Frame 5
Table 17. Frame Play Register Format
0x01 Frame Play Register
Bit
Bit Name
Default
Access
Bit Description
7:6
-
00
n/a
5:3
Number of loops played in
one movie
000
R/W
000: no loop
001: 1 loop
010: 2 loops
011: 3 loops
100: 4 loops
101: 5 loops
110: 6 loops
111: play endless
2:0
Number of frames to
played in a movie
000
R/W
000: 1 frame
001: 2 frames
010: 3 frames
011: 4 frames
100: 5 frames
101: 6 frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com