Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1119 Datasheet(PDF) 14 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 14 Page - ams AG

Back Button AS1119 Datasheet HTML 10Page - ams AG AS1119 Datasheet HTML 11Page - ams AG AS1119 Datasheet HTML 12Page - ams AG AS1119 Datasheet HTML 13Page - ams AG AS1119 Datasheet HTML 14Page - ams AG AS1119 Datasheet HTML 15Page - ams AG AS1119 Datasheet HTML 16Page - ams AG AS1119 Datasheet HTML 17Page - ams AG AS1119 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
13 - 30
AS1119
Datasheet - Regi s t er Description
9 Register Description
Register Selection
Within this register the access to one of the RAM sections or to the Control register is selected. After one section is selected this section is valid
as long as an other section is selected.
Data Definition of the single frames
One frame consits of 2 blocks (à 8x9 LED-matrix) or 3 blocks (à 5x6 LED-matrix). This configuration is set in the AS1119 config register (see
Table 20 on page 24
).
In the internal DPRAM of the device 6 frames can be stored. For each frame the following parameters have to be stored.
- LED is ON or OFF.
- LED is steady ON or blinking.
- The intensity of every single LED can be set via a 8 bits PWM.
Note:
After power-up the data in the DPRAM is undefined (either ‘0’ or ‘1’).
2 Blocks with 8x9 LED Matrix
The AS1119 can be configured to control two seperated blocks of LEDs matrixes. This must be set via the bit D0 in the AS1119 config register
(see AS1119 Config Register (0x04) on page 24)
.
Figure 21. 8x9 LED Matrix with two blocks
Table 6. Register Selection Address Map
Register Section
Address
Data
Description
HEX A7 A6 A5 A4 A3 A2 A1 A0 HEX D7 D6 D5 D4 D3 D2 D1 D0
NOP
253
11111101
0
00000000
No operation
Data Frame 0
1
00000001
Selection of
RAM section for frame
Data Frame 1
2
00000010
Data Frame 2
3
00000011
Data Frame 3
4
00000100
Data Frame 4
5
00000101
Data Frame 5
6
00000110
Control Register
11
00001011
Selection of
Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com