Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1119 Datasheet(PDF) 11 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 11 Page - ams AG

Back Button AS1119 Datasheet HTML 7Page - ams AG AS1119 Datasheet HTML 8Page - ams AG AS1119 Datasheet HTML 9Page - ams AG AS1119 Datasheet HTML 10Page - ams AG AS1119 Datasheet HTML 11Page - ams AG AS1119 Datasheet HTML 12Page - ams AG AS1119 Datasheet HTML 13Page - ams AG AS1119 Datasheet HTML 14Page - ams AG AS1119 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
10 - 30
AS1119
Datasheet - Detailed Descr i pti on
I²C Interface
The AS1119 supports the I²C serial bus and data transmission protocol in fast mode at 1MHz. The AS1119 operates as a slave on the I²C bus.
The bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and generates the START and
STOP conditions. Connections to the bus are made via the open-drain I/O pins SCL and SDA.
Figure 14. I²C Interface Initialisation
Figure 15. Bus Protocol
The bus protocol (as shown in Figure 15) is defined as:
- Data transfer may be initiated only when the bus is not busy.
- During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data line
while the clock line is HIGH will be interpreted as control signals.
The bus conditions are defined as:
- Bus Not Busy. Data and clock lines remain HIGH.
- Start Data Transfer. A change in the state of the data line, from HIGH to LOW, while the clock is HIGH, defines a
START condition.
- Stop Data Transfer. A change in the state of the data line, from LOW to HIGH, while the clock line is HIGH,
defines the STOP condition.
- Data Valid. The state of the data line represents valid data, when, after a START condition, the data line is stable
for the duration of the HIGH period of the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of data
bytes transferred between START and STOP conditions is not limited and is determined by the master device.
The information is transferred byte-wise and each receiver acknowledges with a ninth-bit.
Within the I²C bus specifications a high-speed mode (3.4MHz clock rate) is defined.
- Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge after the recep-
tion of each byte. The master device must generate an extra clock pulse that is associated with this acknowledge
bit. A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way
that the SDA line is stable LOW during the HIGH period of the acknowledge clock pulse. Of course, setup and
hold times must be taken into account. A master must signal an end of data to the slave by not generating an
19
81
9
8
1
0
0
11
A1
A0 R/W
D15 D14 D13 D12 D11 D10
D9
D8
A0 and A1 are defined by the pins AD0 and AD1. Pin AD0 and AD1 must not be left floating.
SCL
SDA
SDI
SCL
Slave Address
R/W
Direction Bit
START
1
2
6
7
8
9
1
23-8
8
9
ACK
MSB
Repeat if More Bytes Transferred
STOP or
Repeated
START
ACK from
Receiver
ACK from
Receiver
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com