Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3515 Datasheet(PDF) 11 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 11 Page - ams AG

Back Button AS3515_08 Datasheet HTML 7Page - ams AG AS3515_08 Datasheet HTML 8Page - ams AG AS3515_08 Datasheet HTML 9Page - ams AG AS3515_08 Datasheet HTML 10Page - ams AG AS3515_08 Datasheet HTML 11Page - ams AG AS3515_08 Datasheet HTML 12Page - ams AG AS3515_08 Datasheet HTML 13Page - ams AG AS3515_08 Datasheet HTML 14Page - ams AG AS3515_08 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
10
- 66
6.2
Headphone Output
6.2.1
General
The headphone output is designed to provide the audio signal with 2x40mW @ 16
Ω or 2x20mW @32Ω, which are typical values for
headphones.
This output stage has an independent gain regulation for left and right channel with 32 steps @ 1.5dB each. The gain can be set from –
43.43dB to +1.07dB. The maximum output power of 40mW @ 16
Ω is achieved, by setting the mixer output to 1Vp and using the gain of
1.07dB.
Figure 3 Headphone-Output
6.2.2
Phantom Ground
HPCM pin is the buffered HPGND output. It can be used to drive the loads without external blocking capacitors between HPL / HPR and
HPCM. If the load is between HPR / HPL and BVSS, 100uF of de-coupling capacitors are needed. The phantom ground can be switched
off to save power if not needed.
6.2.3
No-Pop Function
To avoiding click and pop noise during power-up and shutdown, the output is automatically set to mute when the output stage is disabled.
HPGND pin, which needs a 100nF capacitor outside, gets charged on power-up with 2uA to AGND=1.45V. After start-up the DC level of
the following pins are the same: HPR=HPL=HPCM=HPGND=AGND=1.45V. The Start-up time before releasing mute is about 90ms. To
avoid pop-noise 150ms discharging time of HPGND after a shutdown, have to be waited before starting up again.
6.2.4
Over-current Protection
This output stage has an over-current protection, which disables the output for 256ms or 512ms. This value can be set in the headphone
registers. The over-current protection limit of HPR and HPL pin is typical 145mA while HPCM pin has a 210mA threshold. If needed, the
over-current condition can also be signalled via an interrupt to the controlling microprocessor.
6.2.5
Headphone Detection
With a control bit the headphone detection can be enabled. The detection is only working as long as the headphone stage is in power
down mode and the load is applied between HPR / HPL and HPCM. the headphone detection can also trigger a corresponding interrupt.
6.2.6
Power Save Options
To save power, especially when driving 32 Ohm loads, a reduction of the bias current can be selected. Together with switching off the
phantom ground this gives 4 possible operating modes.
Table 7
Headphone Power-Save Options
HPCM_OFF
IBR_HPH
IDD_HPH (typ.)
Load
0
0
2.2mA
16 Ohm
1
0
1.5mA
16 Ohm
0
1
1.5mA
32 Ohm
1
1
1.0mA
32 Ohm
BVDD = 3.3V, TA= 25oC unless otherwise mentioned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com