Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3515 Datasheet(PDF) 19 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 19 Page - ams AG

Back Button AS3515_08 Datasheet HTML 15Page - ams AG AS3515_08 Datasheet HTML 16Page - ams AG AS3515_08 Datasheet HTML 17Page - ams AG AS3515_08 Datasheet HTML 18Page - ams AG AS3515_08 Datasheet HTML 19Page - ams AG AS3515_08 Datasheet HTML 20Page - ams AG AS3515_08 Datasheet HTML 21Page - ams AG AS3515_08 Datasheet HTML 22Page - ams AG AS3515_08 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
18
- 66
Left Microphone Register (07h & 09h)
Table 17 MIC1_L & MIC2_L Register
Bit
Name
Description
7
M1_Sup_off
M2_Sup_off
0: microphone supply enabled
1: microphone supply disabled
6
M1_Mute_off
M2_Mute_off
0: microphone input set to mute
1: normal operation
5
-
Not used
4..0
M1L_VOL
M2L_VOL
Volume settings for left microphone input, adjustable in 32 steps @ 1.5dB
11111: 6 dB gain
11110: 4.5 dB gain
..
00001: -39 dB gain
00000: -40.5 dB gain
The registers are R/W; default value is 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com