Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3515 Datasheet(PDF) 20 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 20 Page - ams AG

Back Button AS3515_08 Datasheet HTML 16Page - ams AG AS3515_08 Datasheet HTML 17Page - ams AG AS3515_08 Datasheet HTML 18Page - ams AG AS3515_08 Datasheet HTML 19Page - ams AG AS3515_08 Datasheet HTML 20Page - ams AG AS3515_08 Datasheet HTML 21Page - ams AG AS3515_08 Datasheet HTML 22Page - ams AG AS3515_08 Datasheet HTML 23Page - ams AG AS3515_08 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
19
- 66
6.5
Line Inputs (2x)
6.5.1
General
AS3515 includes two identical line inputs. The blocks can work in mono differential, 2x mono single ended or in stereo single ended mode.
The volume control has an independent gain regulation for left and right channel with 32 steps @ 1.5dB each. The gain can be set from –
34.5dB to +12dB. The stage is set to mute by default. If the line input is not enabled, the volume settings are set to their default values.
Changing the volume and mute control can only be done after enabling the input.
If using the inputs as mono differential, the volume setting for the right channel should be set to 0dB.
Figure 6 Line Input
6.5.2
Parameter
Figure 7 Line Input Parameter
Symbol Parameter
Notes
Min
Typ
Max
Unit
A0
Gain
programmable gain
-34.5
12
dB
Ax
Gain Step-Size
1.5
dB
Gain Step-Precision
0.5
dB
Mute
49
kOhm
RinLINE
Input Resistance
Min Gain, single ended stereo
100
kOhm
SNR
Signal to Noise Ratio
100
dB
Mute Attenuation
100
dB
BVDD = 3.3V, TA= 25oC, fs=48kHz unless otherwise mentioned
6.5.3
Register Description
Enabling a line-input is done via a control bit in the audio settings register (AudioSet1 register 0x14h). All other line input settings are
controlled by the following registers.
Right Line In Registers (0Ah & 0Ch)
Table 18 LINE_IN1_R & LINE_IN2_R Register
Bit
Name
Description
7,6
-
5
LI1R_Mute_off
LI2R_Mute_off
0: right line input is set to mute
1: normal operation
4..0
LI1R_VOL
LI2R_VOL
volume settings for right line input, adjustable in 32 steps @ 1.5dB
11111: 12 dB gain
11110: 10.5 dB gain
..
00001: -33 dB gain
00000: -34.5 dB gain
The registers are R/W; default value is 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com