Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3515 Datasheet(PDF) 28 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 28 Page - ams AG

Back Button AS3515_08 Datasheet HTML 24Page - ams AG AS3515_08 Datasheet HTML 25Page - ams AG AS3515_08 Datasheet HTML 26Page - ams AG AS3515_08 Datasheet HTML 27Page - ams AG AS3515_08 Datasheet HTML 28Page - ams AG AS3515_08 Datasheet HTML 29Page - ams AG AS3515_08 Datasheet HTML 30Page - ams AG AS3515_08 Datasheet HTML 31Page - ams AG AS3515_08 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
27
- 66
6.9
3V Step-Up Converter
6.9.1
General
•
Output voltage 3V to 3.6V (BVDD) programmable in 4 steps via DCDC3p bit to save power
•
Input voltage 1V (1.2V) to 3V, voltages higher than that can be connected to BVDD directly
•
Maximum output current to BVDD: 150mA
•
Current mode operation
•
On-chip compensation and feedback network
•
On chip 300mΩ NMOS switch
•
PWM mode with 1.2MHz switching frequency
•
Inductor current limitation 850mA
•
Pulse skipping capability
•
Low quiescent current: 40μA in PFM-mode, 300μA in PWM mode
•
≤1μA shutdown current
•
uses external coil (6.8uH) and Schottky diode (500mA)
Figure 9 DCDC Block Diagram
Oscillator
1.2MHz
Ramp
generation
NMOS
Power
Device
300m
Ω
Error
amplifier
Current
sense
PWM-LOGIC
+
-
Pulse skipping
logic
VBAT
PWR_GND
Σ
Comparator
VSS
Vref
1.6V
SW
DCDC step up
ENDCDC
1M
Ω
1M
Ω
PWR_UP
VSS3
SW3
BVDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com