Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3515 Datasheet(PDF) 12 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 12 Page - ams AG

Back Button AS3515_08 Datasheet HTML 8Page - ams AG AS3515_08 Datasheet HTML 9Page - ams AG AS3515_08 Datasheet HTML 10Page - ams AG AS3515_08 Datasheet HTML 11Page - ams AG AS3515_08 Datasheet HTML 12Page - ams AG AS3515_08 Datasheet HTML 13Page - ams AG AS3515_08 Datasheet HTML 14Page - ams AG AS3515_08 Datasheet HTML 15Page - ams AG AS3515_08 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
11
- 66
6.2.7
Parameter
Table 8
Power Amplifier Block Characteristics
Symbol Parameter
Notes
Min
Typ
Max
Unit
RL
Output Load
stereo mode
16
Ohm
RL= 32
Ω
20
mW
Pout
Maximum Output Power
RL= 16
Ω
40
mW
A0
Gain
programmable nominal gain
-43.43
1.07
dB
Ax
Gain Step-Size
1.5
dB
Gain Step-Precision
0.5
dB
PSRR
Power Supply Rejection Ratio 200Hz-20kHz, 720mVpp, RL= 16Ω
90
dB
Short Current Protection Level
145
mA
IOUT_pd
IOUT power down
HPGND is forced high (>1V)
-20
20
uA
Tpower_up
90
ms
SNR
Signal to Noise Ratio
100
dB
Mute Attenuation
100
dB
BVDD = 3.3V, TA= 25oC unless otherwise mentioned
6.2.8
Register Description
To get an interrupt on an over-current event, the corresponding bit in the IRQ_ENRD1 register (0x26h) has to be set. Also the interrupt
request for HP detection has to be set in this register. The power-save options are controlled via AudioSet3 register (0x16h). All other
headphone driver settings are controlled by the following two registers.
Right Headphone Register (02h)
Table 9
HPH_OUT_R Register
Bit
Name
Description
7,6
HP_OVC_TO
speaker over current time out:
11: 0 ms
10: 512 ms
01: 128 ms
00: 256 ms
5
-
-
4..0
HPR_VOL
volume settings for right headphone output, adjustable in 32 steps @ 1.5dB
11111: 1.07 dB gain
11110: -0.43 dB gain
..
00001: -43.93dB gain
00000: -45.43 dB gain
The register is R/W; default value is 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com