Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3515 Datasheet(PDF) 26 Page - ams AG

Part # AS3515
Description  Stereo Audio Codec with System Power Management
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3515 Datasheet(HTML) 26 Page - ams AG

Back Button AS3515_08 Datasheet HTML 22Page - ams AG AS3515_08 Datasheet HTML 23Page - ams AG AS3515_08 Datasheet HTML 24Page - ams AG AS3515_08 Datasheet HTML 25Page - ams AG AS3515_08 Datasheet HTML 26Page - ams AG AS3515_08 Datasheet HTML 27Page - ams AG AS3515_08 Datasheet HTML 28Page - ams AG AS3515_08 Datasheet HTML 29Page - ams AG AS3515_08 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
AS3515 V15
austriamicrosystems
Data Sheet, Confidential
www.austriamicrosystems.com
Revision 3.1
25
- 66
6.8
Audio Settings
6.8.1
Register Description
First AudioSet Register (14h)
Table 26 AudioSet1 Register
Bit
Name
Description
7
ADC_on
1: ADC for recording is enables
0: ADC disabled
6
SUM_on
1: Summing / Mixing stage is enabled
0: Summing / Mixing stage is disabled (no audio output possible)
5
DAC_on
1: DAC enabled
0: DAC disabled
4
LOUT_on
1: Line output enabled
0: Line output disabled
3
LIN2_on
1: Line input 2 enabled
0: Line input 2 disabled
2
LIN1_on
1: Line input 1 enabled
0: Line input 1 disabled
1
MIC2_on
1: Microphone input 2 enabled
0: Microphone input 2 disabled
0
MIC1_on
1: Microphone input 1 enabled
0: Microphone input 1 disabled
The register is R/W; default value is 00h
Second AudioSet Register (15h)
Table 27 AudioSet2 Register
Bit
Name
Description
7
BIAS_off
1: Bias disabled
0: Bias enabled
6
DITH_off
1: no dither added
0: add dither to the audio stream
5
AGC_off
1: Automatic gain control for summing stage disabled
0: Automatic gain control for summing stage enabled
4,3
IBR_DAC<1:0> Bias current reduction settings for DAC:
00: 0%
01: 25%
10: 40%
11: 50%
2
LSP_LP
Low power mode for speaker output:
1: speaker output driver set for 16Ohm load or more (25%)
0: speaker output driver set for 4Ohm to 16Ohm load (100%)
1,0
IBR_LSP<1:0> Bias current reduction settings for speaker output:
00: 0%
01: 17%
10: 34%
11: 50%
The register is R/W; default value is 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com