Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR16 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # TS68302VR16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR16 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button TS68302VR16 Datasheet HTML 8Page - ATMEL Corporation TS68302VR16 Datasheet HTML 9Page - ATMEL Corporation TS68302VR16 Datasheet HTML 10Page - ATMEL Corporation TS68302VR16 Datasheet HTML 11Page - ATMEL Corporation TS68302VR16 Datasheet HTML 12Page - ATMEL Corporation TS68302VR16 Datasheet HTML 13Page - ATMEL Corporation TS68302VR16 Datasheet HTML 14Page - ATMEL Corporation TS68302VR16 Datasheet HTML 15Page - ATMEL Corporation TS68302VR16 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
12
TS68302
2117A–HIREL–11/02
Dynamic (Switching)
Characteristics
The limits and values given in this section apply over the full case temperature range -
55°C to +125°C or -40°C to +85°C depending on selection see “Ordering Information”
on page Reference 2 and VCC in the range 4.5V to 5.5V VIL = 0.5V and VIH = 2.4V.
The INTERVAL numbers (NUM) refer to the timing diagrams. See Figure 6 to Figure 25.
The AC specifications presented consist of output delays, input setup and hold times,
and signal skew times. All signals are specified relative to an appropriate edge of the
clock (CLKO pin) and possibly to one or more other signals.
Figure 6. Clock Timing Diagram
Notes:
1. CLKO loading is 50 pF max.
2. CLKO skew from the rising and falling edges of EXTAL will not differ from each other more than 1 ns, if the EXTAL rise time
equals the EXTAL fall time.
1
5
5a
5a
4
3
2
VCIH = 4V
EXTAL
VCIL = 0.6V
CLKO
Table 7. AC Electrical Specifications - Clock Timing (see Figure 7)
Num.
Symbol
Parameter
Min
Max
Unit
f
Frequency of Operation
8
16.67
MHz
1t
cyc
Clock Period (EXTAL)
60
125
ns
2, 3
t
CL, tCH
Clock Pulse Width (EXTAL)
25
62.5
ns
4, 5
tCr, tCf
Clock Rise and Fall Times (EXTAL)
5
ns
5a
t
CD
EXTAL to CLKO delay
(1)(2)
211
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com