Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR16 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # TS68302VR16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR16 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button TS68302VR16 Datasheet HTML 2Page - ATMEL Corporation TS68302VR16 Datasheet HTML 3Page - ATMEL Corporation TS68302VR16 Datasheet HTML 4Page - ATMEL Corporation TS68302VR16 Datasheet HTML 5Page - ATMEL Corporation TS68302VR16 Datasheet HTML 6Page - ATMEL Corporation TS68302VR16 Datasheet HTML 7Page - ATMEL Corporation TS68302VR16 Datasheet HTML 8Page - ATMEL Corporation TS68302VR16 Datasheet HTML 9Page - ATMEL Corporation TS68302VR16 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6
TS68302
2117A–HIREL–11/02
Signal Descriptions
The input and output signals of the TS68302 are organized into functional groups as
shown in Table 1. Refer to TS68302 Integrated Multiprotocol Processor User’s Manual,
for detailed information on the TS68302 signals.
Scope
This drawing describes the specific requirements for the processor TS68302, 16.67
MHz, in compliance either with MIL-STD-883 class B or with Atmel standards.
Applicable
Documents
MIL-STD-883
1.
MIL-STD-883: test methods and procedures for electronics.
2.
MIL-M-38535: general specifications for microcircuits.
3.
Desc Drawing: 5962-93159 (planned).
Requirements
General
The microcircuits are in accordance with the applicable document and as specified
herein.
Table 1. Signal Definitions
Functional Group
Signals
Number
Clocks
XTAL, EXTAL, CLKO
3
System Control
RESET, HALT, BERR, BUSW, DISCPU
5
Address Bus
A23-A1
23
Data Bus
D15-D0
16
Bus Control
AS, R/W, UDS/A0, LDS/DS, DTACK
5
Bus Control
RMC, IAC, BCLR
3
Bus Arbitration
BR, BG, BGACK
3
Interrupt Control
IPL2-IPL0, FC2-FC0, AVEC
7
NMSI1/ISDN I/F
RXD, TXD, RCLK, TCLK, CD, CTS, RTS, BRG1
8
NMSI2/PIO
RXD, TXD, RCLK, TCLK, CD, CTS, RTS, SDS2
8
NMSI3/SCP/PIO
RXD, TXD, RCLK, TCLK, CD, CTS, RTS, PA12
8
IDMA/PAIO
DREQ, DACK, DONE
3
IACK/PBIO
IACK7, IACK6, IACK1
3
Timer/PBIO
TIN2, TIN1, TOUT2, TOUT1, WDOG
5
PBIO
PB11-PB8
4
Chip Select
CS3-CS0
4
Testing
FRZ (2 Spare)
3
V
DD
Power supply
8
GND
Ground connection
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com