Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR16 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # TS68302VR16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR16 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button TS68302VR16 Datasheet HTML 39Page - ATMEL Corporation TS68302VR16 Datasheet HTML 40Page - ATMEL Corporation TS68302VR16 Datasheet HTML 41Page - ATMEL Corporation TS68302VR16 Datasheet HTML 42Page - ATMEL Corporation TS68302VR16 Datasheet HTML 43Page - ATMEL Corporation TS68302VR16 Datasheet HTML 44Page - ATMEL Corporation TS68302VR16 Datasheet HTML 45Page - ATMEL Corporation TS68302VR16 Datasheet HTML 46Page - ATMEL Corporation TS68302VR16 Datasheet HTML 47Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
43
TS68302
2117A–HIREL–11/02
Preparation For
Delivery
Packaging
Microcircuits are prepared for delivery in accordance with MIL-STD-1835.
Certificate of Compliance Atmel offers a certificate of compliance with each shipment of parts, affirming the prod-
ucts are in compliance either with MIL-STD-883 or Atmel standards and guaranteeing
the parameters are tested at extreme temperatures for the entire temperature range.
Handling
MOS devices must be handled with certain precautions to avoid damage due to accu-
mulation of static charge. Input protection devices have been designed in the chip to
minimize the effect of this static buildup. However, the following handling practices are
recommended:
a) Device should be handled on benches with conductive and grounded surfaces.
b) Ground test equipment, tool and operator.
c) Do not handle devices by the leads.
d) Store devices in conductive foam or carriers.
e) Avoid use of plastic, rubber, or silk in MOS areas.
f) Maintain relative humidity above 50%, if practical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com