Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR16 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # TS68302VR16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR16 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button TS68302VR16 Datasheet HTML 26Page - ATMEL Corporation TS68302VR16 Datasheet HTML 27Page - ATMEL Corporation TS68302VR16 Datasheet HTML 28Page - ATMEL Corporation TS68302VR16 Datasheet HTML 29Page - ATMEL Corporation TS68302VR16 Datasheet HTML 30Page - ATMEL Corporation TS68302VR16 Datasheet HTML 31Page - ATMEL Corporation TS68302VR16 Datasheet HTML 32Page - ATMEL Corporation TS68302VR16 Datasheet HTML 33Page - ATMEL Corporation TS68302VR16 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
30
TS68302
2117A–HIREL–11/02
Notes:
1. The ratio CLK/L1CLK must be greater than 2.5/1.
2. Schmitt trigger used on input buffer.
3. Condition C
L = 150 pF. L1T x D becomes valid after the L1CLK rising edge or L1SY1, whichever is later.
4. SDS1-SDS2 become valid after the L1CLK rising edge or L1SY1, whichever is later.
5. See Figure 24.
Table 20. AC Electrical Specifications - GCI Timing(5) f = 16.67 MHz
GCI supports the NORMAL mode and the GCI channel 0 (GCN0) in MUX mode. Normal mode uses 512 kHz clock rate
(256K bit rate). MUX mode uses 256 x n - 3068K bits/sec (clock rate is data rate x 2). The ratio CLK/L1CLK must be greater
than 2.5/1.
Num.
Parameter
Min
Max
Unit
L1CLK GCI clock frequency (normal mode)
(1)
512
kHz
280
L1CLK clock period normal mode
(1)
1800
2100
ns
281
L1CLK width low/high normal mode
840
1450
ns
282
L1CLK rise/fall time normal mode
(2)
--
ns
L1CLK (GCI clock) period (MUX mode)
(1)
6.668
MHz
280
L1CLK clock period MUX mode
(1)
150
ns
281
L1CLK width low/high MUX mode
55
ns
282
L1CLK rise/fall time MUX mode
(2)
--
ns
283
L1SY1 sync setup time to L1CLK falling edge
30
ns
284
L1SY1 sync hold time from L1CLK falling edge
50
ns
285
L1T x D active delay (from L1CLK rising edge)
(3)
0
100
ns
286
L1T x D active delay (from L1SY1 rising edge)
(3)
0
100
ns
287
L1R x D setup time to L1CLK rising edge
20
ns
288
L1R x D hold time from L1CLK rising edge
50
ns
289
Time between successive L1SY1 in normal mode
SCIT mode
64
192
L1CLK
L1CLK
290
SDS1-SDS2 active delay from L1CLK riding edge
(4)
10
90
ns
291
SDS1-SDS2 active delay from L1SY1 rising edge
(4)
10
90
ns
292
SDS1-SDS2 inactive delay from L1CLK falling edge
10
90
ns
293
GCIDCL (GCI Data clock) active delay
0
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com