Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR16 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # TS68302VR16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR16 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button TS68302VR16 Datasheet HTML 14Page - ATMEL Corporation TS68302VR16 Datasheet HTML 15Page - ATMEL Corporation TS68302VR16 Datasheet HTML 16Page - ATMEL Corporation TS68302VR16 Datasheet HTML 17Page - ATMEL Corporation TS68302VR16 Datasheet HTML 18Page - ATMEL Corporation TS68302VR16 Datasheet HTML 19Page - ATMEL Corporation TS68302VR16 Datasheet HTML 20Page - ATMEL Corporation TS68302VR16 Datasheet HTML 21Page - ATMEL Corporation TS68302VR16 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
18
TS68302
2117A–HIREL–11/02
Figure 10. DMA Timing Diagram
Note:
1. If AS is negated before DS, the data bus could be three-stated (spec 126) before DS is negated.
2. See Figure 11 and Figure 12.
Table 10. AC Electrical Specifications - External Master Internal Asynchronous Read/write Cycles
(2) f = 16.67 MHz
Num.
Symbol
Parameter
Min
Max
Unit
100
tRWVDSL
R/W valid to DS low
0
ns
101
t
DSLDIV
DS low to data in valid
30
ns
102
t
DKLDH
DTACK low to data in hold time
0
ns
103
tASVDSL
AS valid to DS low
0
ns
104
t
DKLDSH
DTACK low to DS high
0
ns
105
t
DSHDKH
DS high to DTACK high
45
ns
106
tDSIASI
DS inactive to AS inactive
0
ns
107
t
DSHRWH
DS high to R/W high
0
ns
108
t
DSHDZ
DS high to data high impedance
45
ns
108A
tDSHDH
DS high to data out hold time
0
ns
109
t
DSHDOH
DS high to data in hold time
(1)
0ns
109A
t
DOVDKL
Data out valid to DTACK low
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com