Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR16 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # TS68302VR16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR16 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button TS68302VR16 Datasheet HTML 23Page - ATMEL Corporation TS68302VR16 Datasheet HTML 24Page - ATMEL Corporation TS68302VR16 Datasheet HTML 25Page - ATMEL Corporation TS68302VR16 Datasheet HTML 26Page - ATMEL Corporation TS68302VR16 Datasheet HTML 27Page - ATMEL Corporation TS68302VR16 Datasheet HTML 28Page - ATMEL Corporation TS68302VR16 Datasheet HTML 29Page - ATMEL Corporation TS68302VR16 Datasheet HTML 30Page - ATMEL Corporation TS68302VR16 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
27
TS68302
2117A–HIREL–11/02
Note:
1. Set up time for the asynchronous inputs IPL2-IPL0 and AVEC guarantees their recognition at the next falling edge of the
clock.
2. See Figure 20.
Figure 20. Interrupts Timing Diagram
Note:
1. FRZ should be negated during total system reset.
2. See Figure 21.
Figure 21. Timers Timing Diagram
Table 16. AC Electrical Specifications - Interrupts
(2) f = 16.67 MHz
Num.
Symbol
Parameter
Min
Max
Unit
190
t
IPW
Interrupt pulse width low IRQ (edge triggered mode)
50
ns
191
tAEMT
Minimum time between active edges
3
clk
IRQ
(INPUT)
191
190
Table 17. AC Electrical Specifications - Timers(2) f = 16.67 MHz
Num.
Symbol
Parameter
Min
Max
Unit
200
t
TPW
Timer input capture pulse width
50
ns
201
t
TICLT
TIN clock low pulse width
50
ns
202
t
TICHT
TIN clock high pulse width
2
clk
203
t
cyc
TIN clock cycle time
3
clk
204
t
CHTOV
Clock high to TOUT valid
35
ns
205
t
FRZSU
FRZ input setup time (to clock high)
(1)
20
ns
206
t
FRZHT
FRZ input hold time (from clock high)
10
ns
CLKO
204
202
201
203
TIN
(INPUT)
TOUT
(OUTPUT)
206
205
FRZ
(INPUT)
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com