Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR16 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # TS68302VR16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR16 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button TS68302VR16 Datasheet HTML 19Page - ATMEL Corporation TS68302VR16 Datasheet HTML 20Page - ATMEL Corporation TS68302VR16 Datasheet HTML 21Page - ATMEL Corporation TS68302VR16 Datasheet HTML 22Page - ATMEL Corporation TS68302VR16 Datasheet HTML 23Page - ATMEL Corporation TS68302VR16 Datasheet HTML 24Page - ATMEL Corporation TS68302VR16 Datasheet HTML 25Page - ATMEL Corporation TS68302VR16 Datasheet HTML 26Page - ATMEL Corporation TS68302VR16 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
23
TS68302
2117A–HIREL–11/02
Figure 15. External Master Internal Synchronous Write Cycle Timing Diagram
Note:
1. See Figure 16.
Table 12. AC Electrical Specifications - Internal Master Read/write Cycles(1) f = 16.67 MHz
Num.
Symbol
Parameter
Min
Max
Unit
140
t
CHIAH
Clock high to IAC high
40
ns
141
t
CLIAL
Clock low to IAC low
40
ns
142
tCHDTL
Clock high to DTACK low (0 wait state)
45
ns
143
t
CLDTH
Clock low to DTACK high
40
ns
144
t
CHDOV
Clock high to data out valid
30
ns
145
tASHDOH
AS high to data out hold time
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com