Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR16 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # TS68302VR16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR16 Datasheet(HTML) 2 Page - ATMEL Corporation

  TS68302VR16 Datasheet HTML 1Page - ATMEL Corporation TS68302VR16 Datasheet HTML 2Page - ATMEL Corporation TS68302VR16 Datasheet HTML 3Page - ATMEL Corporation TS68302VR16 Datasheet HTML 4Page - ATMEL Corporation TS68302VR16 Datasheet HTML 5Page - ATMEL Corporation TS68302VR16 Datasheet HTML 6Page - ATMEL Corporation TS68302VR16 Datasheet HTML 7Page - ATMEL Corporation TS68302VR16 Datasheet HTML 8Page - ATMEL Corporation TS68302VR16 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
2
TS68302
2117A–HIREL–11/02
Screening/Quality
This product is manufactured in full compliance with either:
•
MIL-STD-883 (class B)
•
DESC. Drawing 5962-93159
•
Or according to Atmel standards
Introduction
The TS68302 integrated multiprotocol processor (IMP) is a very large-scale integration
(VLSI) device incorporating the main building blocks needed for the design of a wide
variety of controllers. The device is especially suitable to applications in the communica-
tions industry. The IMP is the first device to offer the benefits of a closely coupled,
industry-standard TS68000 microprocessor core and a flexible communications archi-
tecture. The IMP may be configured to support a number of popular industry interfaces,
including those for the Integrated Services Digital Network (ISDN) basic rate and termi-
nal adapter applications. Concurrent operation of different protocols is easily achieved
through a combination of architectural and programmable features. Data concentrators,
line cards, bridges, and gateways are examples of suitable applications for this device.
The IMP is a high-density complementary metal-oxide semiconductor (HCMOS) device
consisting of a TS68000 microprocessor core, a system integration block (SIB), and a
communications processor (CP).
Figure 1 is a block diagram of the TS68302. The processor can be divided into two main
sections: the bus controller and the micromachine. This division reflects the autonomy
with which the sections operate.
R suffix
PGA 132
(Ceramic Pin Grid Array)
A suffix
CERQUAD 132
(Ceramic Quad Flat Pack)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com