Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR16 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # TS68302VR16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR16 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button TS68302VR16 Datasheet HTML 30Page - ATMEL Corporation TS68302VR16 Datasheet HTML 31Page - ATMEL Corporation TS68302VR16 Datasheet HTML 32Page - ATMEL Corporation TS68302VR16 Datasheet HTML 33Page - ATMEL Corporation TS68302VR16 Datasheet HTML 34Page - ATMEL Corporation TS68302VR16 Datasheet HTML 35Page - ATMEL Corporation TS68302VR16 Datasheet HTML 36Page - ATMEL Corporation TS68302VR16 Datasheet HTML 37Page - ATMEL Corporation TS68302VR16 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
34
TS68302
2117A–HIREL–11/02
Functional
Description
The TS68302 uses a microprocessor architecture which has peripheral devices con-
nected to the system bus through a dual-port memory. Various parameters, counters,
and all memory buffer descriptor tables reside in the dual-port RAM. The receive and
transmit data buffer may be located in this on-chip RAM or in the off-chip system RAM
(see Figure 29). Six DMA channels are dedicated to the six serial ports (receive and
transmit for each of the three SCC channels). If an SCC channel’s data is programmed
to be located in the external RAM, the CP main controller (RISC processor) will program
the corresponding DMA channel to perform the required accesses. If the data resides in
the on-chip dual-port RAM, then the CP main controller accesses the RAM with one
clock cycle access and no arbitration delays.
The buffer memory structure of the TS68302 can be configured by the software to
closely match I/O channel requirements. The interrupt structure is also programmable to
relieve the on-chip 68000/68008 core from bit manipulation functions for peripherals,
allowing the processor to perform application software or protocol processing.
In some cases, the interface to equipment or proprietary networks may require the use
of standard control and data signals. For these signals, the TS68302 can be pro-
grammed to use the NMSI mode. This mode is available for one, two, or all three SCC
ports; remaining ports may then use one of the multiplexed interface modes: IDL, GCI,
or PCM.
Figure 27. Buffer Memory Structure
DUAL-PORT RAM (1152 BYTES)
TX DATA BUFFER
SCC2 BUFFER
DESCRIPTORS
TABLE
SCC1 BUFFER
DESCRIPTORS
TABLE
E
R
RX DATA
TX DATA
D
DATA
RX BUFFER DESCRIPTORS (8)
FRAME STATUS
DATA COUT
DATA COUT
DATA POINTER
TX BUFFER DESCRIPTORS (8)
FRAME STATUS
DATA LENGTH
DATA POINTER
SCC3 BUFFER
DESCRIPTORS
TABLE
SCP DESCRIPTOR
SMC1 DESCRIPTOR
SMC2 DESCRIPTOR
RX DATA BUFFER
TX DATA BUFFER
EXTERNAL MEMORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com