Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR1B/C16 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # TS68302VR1B/C16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR1B/C16 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button TS68302VR1B/C16 Datasheet HTML 4Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 5Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 6Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 7Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 8Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 9Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 10Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 11Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
TS68302
2117A–HIREL–11/02
This device contains protective circuitry to protect the inputs against damage due to high
static voltages or electrical fields; however, it is advised that normal precautions be
taken to avoid application of any voltages higher than maximum-rated voltages to this
high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to
an appropriate logic voltage level (e.g., either GND or V
DD).
Figure 5. Clock Input Timing Diagram
Note:
Timing measurements are referenced to and from a low voltage of 0.8V and a voltage of 2.0V, unless otherwise noted. The volt-
age swing through this range should start outside, and pass through, the range such that the rise or fall will be linear between
0.8V and 2.0V.
Power Considerations
The average chip-junction temperature, TJ, in °C can be obtained from:
TJ = TA + (PD ⋅ θJA)
(1)
TA = Ambient Temperature, °C
θ
JA = Package Thermal Resistance, Junction-to-Ambient, °C/W
PD = PINT + PI/O
PINT = ICC ⋅ VCC, Watts - Chip Internal Power
PI/O = Power Dissipation on Input and Output pins - user determined
Note:
For T
A = 70°C and PD = 0.5 W at 12.5 MHz Tj = 88°C.
For most applications P
I/O < 0,30 PINT and can be neglected.
An approximate relationship between P
D and TJ (if PI/O is neglected) is:
P
D = K ÷ (TJ + 273)
(2)
Solving equations (1) and (2) for K gives:
K = P
D ⋅ (TA + 273) + θJA ⋅ PD2
(3)
where K is a constant pertaining to the particular part. K can be determined from equa-
tion (3) by measuring P
D (at equilibrium) for a known TA. Using this value of K, the
values of P
D and TJ can be obtained by solving equations (1) and (2) iteratively for any
value of T
A.
2.0V
0.8V
tr (C)
tf (C)
tcyc
Table 4. Thermal Characteristics at 25°C
Package
Symbol
Parameter
Value
Unit
PGA 132
θ
JA
θ
JC
Thermal Resistance - Ceramic Junction To Ambient
Thermal Resistance - Ceramic Junction To Case
33
5
°C/W
°C/W
CERQUAD 132
θ
JA
θ
JC
Thermal Resistance - Ceramic Junction To Ambient
Thermal Resistance - Ceramic Junction To Case
46
2
°C/W
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com