Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR1B/C16 Datasheet(PDF) 46 Page - ATMEL Corporation

Part # TS68302VR1B/C16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR1B/C16 Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button TS68302VR1B/C16 Datasheet HTML 39Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 40Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 41Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 42Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 43Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 44Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 45Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 46Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 47Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
46
TS68302
2117A–HIREL–11/02
Note:
1. Gullwing leads.
Note:
For availability of the different versions, contact your local Atmel sales office.
Standard Product
Commercial Atmel
Part-Number
Norms
Package
Temperature Range
Tc (°C)
Frequency
MHz
Drawing
Number
TS68302VR16
Atmel Standard
PGA 132
-40/+85
16.67
Internal
TS68302MR16
Atmel Standard
PGA 132
-55/+125
16.67
Internal
TS68302VA16
Atmel Standard
CERQUAD 132
(1)
-40/+85
16.67
Internal
TS68302MA16
Atmel Standard
CERQUAD 132
(1)
-55/+125
16.67
Internal
TS68302 M A
B/C 16
Type
Temperature range: Tc
M: -55, +125°C
V: -40, +85°C
C: 0, +70°C
Package:
R: Pin Grid Array 132
A: CERQUAD 132
(Gullwing leads)
Speed (MHz)
Screening level:
---- : Standard
B/C: MIL-STD-883, class B
B/T: Class B Screening
according to MIL-STD-883
Hirel lead finish:
--: Gold for PGA or
Tinned for CERQUAD
1: Tinned for PGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com