Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR1B/C16 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # TS68302VR1B/C16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR1B/C16 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button TS68302VR1B/C16 Datasheet HTML 35Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 36Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 37Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 38Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 39Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 40Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 41Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 42Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
39
TS68302
2117A–HIREL–11/02
Main Controller
The main controller is a microcode RISC processor that services all the serial channels.
The main controller transfers data between the serial channels and internal/external
RAM, executes host commands, and generates interrupts to the interrupt controller.
Data is transferred from the serial channel to the dual-port RAM or to the external mem-
ory through the peripheral bus. If data is transferred between the SCC channels and
external memory, the main controller uses up to six serial DMA channels for the trans-
fer. The main controller also controls all character and address comparison and cyclic
redundancy check (CRD) generation and checking.
The execution unit includes the arithmetic logic unit (ALU), which performs arithmetic
and logic operations on the registers.
Serial Communication
Controllers
The TS68302 has three independent SCCs. Each SCC can be configured to implement
different protocols - for example, to perform a gateway function or to interface to an
ISDN basic rate channel. To simplify programming, each protocol implementation uses
identical data structures.
Five protocols are supported: high-level data link control (HDLC), binary synchronous
communication (BISYNC), synchronous/asynchronous digital data communications
message protocol (DDCMP), V.110, universal asynchronous receiver transmitter
(UART), and a fully transparent mode. To aid system diagnostics, each SCC may be
configured to operate in either an echo or loopback mode. In echo mode, the IMP
retransmits any signals received; in loopback mode, the IMP locally receives signals
originating from itself.
The clock pins (RCLK, TCLK) for each SCC can be programmed for either an external
or internal source, with user-programmable baud rates available for each SCC channel.
Each SCC also supports the standard modem control signals: request to send (RTS),
clear to send (CTS), and carrier detect (CD). Other modem signals may be provided
through the parallel I/O pins.
The SCC features are as follows:
•
programmable baud rate generator driven by the internal or external clock,
•
data may be clocked by the programmable baud rate generator or directly by an
external clock,
•
provides modem signals RTS, CTS, and CD,
•
Full-duplex operation,
•
Automatic echo mode,
•
Local loopback mode,
•
Baud rate generator outputs available externally.
The SCC HDLC mode key features are as follows:
•
flexible data buffers with multiple buffers per frame allowed,
•
separate interrupts for frames and buffers (receive and transmit),
•
four address comparison registers with mask,
•
maintenance of five 16-bit counters,
•
flag/abort/idle generation/detection,
•
zero insertion/deletion,
•
NRZ/NRZI data encoding,
•
16-bit or 32-bit CRC-CCITT generation/checking,
•
detection of non-octet aligned frames,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com