Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR1B/C16 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TS68302VR1B/C16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR1B/C16 Datasheet(HTML) 1 Page - ATMEL Corporation

  TS68302VR1B/C16 Datasheet HTML 1Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 2Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 3Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 4Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 5Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 6Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 7Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 8Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
1
Features
• TS68000/TS68008 Microprocessor Core Supporting a 16- or 8-bit TS68000 Family
• System Integration Block Including:
– Independent Direct Memory Access (IDMA) Controller
– Interrupt Controller with Two Modes of Operation
– Parallel Input/output (I/O) Ports, some with Interrupt Capability
– On-chip Usable 1152 bytes of Dual-port Random-access Memory (RAM)
– Three Timers, including a Watchdog Timer
– Four Programmable Chip-select Lines with Wait-state Logic
– Programmable Address Mapping of Dual-port RAM and IMP Registers
– On-chip Clock Generator with an Output Clock Signal
–System Control:
System Control Register
Bus Arbitration Logic with Low Interrupt Latency Support
Hardware Watchdog for Monitoring Bus Activity
Low Power (Standby) Modes
Disable CPU Logic (TS68000)
Freeze Control for Debugging Selected On-chip Peripherals
DRAM Refresh Controller
• Communications Processor Including:
– Main Controller (RISC Processor)
– Three Full-duplex Serial Communication Controllers (SCCs)
– Six Serial Direct Memory Access (SDMA) Channels Dedicated to the Three SCCs
– Flexible Physical Interface Accessible by SCCs for Interchip Digital Link (IDL)
General Circuit Interface (GCI, see note), Pulse Code Modulation (PCM), and
Nonmultiplexed Serial Interface (NMSI) Operation
– Serial Communication Port (SCP) for Synchronous Communication, Clock Rate up
to 4.096 MHz
– Serial Management Controllers (SMCs) for IDL and GCI Channels
• Frequency of Operation: 16.67 MHz
• Power Supply: 5 V
DC ± 10%
Description
The IMP is a very large-scale integration (VLSI) device incorporating the main building
blocks needed for the design of a wide variety of controllers. The device is especially
suitable to applications in the communications industry. The IMP is the first device to
offer the benefits of a closely coupled, industry-standard, TS68000/TS68008 micro-
processor core and a flexible communications architecture. This multichannel
communications device may be configured to support a number of popular industry
interfaces, including those for the integrated services digital network (ISDN) basic rate
and terminal adapter applications. Through a combination of architectural and pro-
grammable features, concurrent operation of different protocols is easily achieved
using the IMP. Data concentrators, line cards, bridges, and gateways are examples of
suitable applications for this versatile device.
The IMP is a high-density complementary metal-oxide semiconductor (HCMOS)
device consisting of a TS68000/TS68008 microprocessor core, a system integration
block (SIB), and a communications processor (CP). The TS68302 block diagram is
shown in Figure 1.
Note:
GCI is sometimes referred to as IOM2.
Integrated
Multiprotocol
Processor (IMP)
TS68302
Rev. 2117A–HIREL–11/02


Similar Part No. - TS68302VR1B/C16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
High performance 32-bit integrated microcontroller
TS68332 ATMEL-TS68332 Datasheet
1Mb / 57P
High Highperformance 32-bit Integrated Microcontroller
TS68332DESC01XA ATMEL-TS68332DESC01XA Datasheet
1Mb / 56P
High performance 32-bit integrated microcontroller
TS68332DESC01XA ATMEL-TS68332DESC01XA Datasheet
1Mb / 57P
High Highperformance 32-bit Integrated Microcontroller
TS68332DESC01ZA ATMEL-TS68332DESC01ZA Datasheet
1Mb / 56P
High performance 32-bit integrated microcontroller
More results

Similar Description - TS68302VR1B/C16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68EN302 MOTOROLA-MC68EN302 Datasheet
223Kb / 8P
Integrated Multiprotocol Processor with Ethernet
MC68PM302 MOTOROLA-MC68PM302 Datasheet
810Kb / 6P
Integrated Multiprotocol Processor with PCMCIA
logo
Freescale Semiconductor...
MC68QH302 FREESCALE-MC68QH302 Datasheet
255Kb / 6P
Quad HDLC Integrated Multiprotocol Processor
logo
Motorola, Inc
MC68QH302 MOTOROLA-MC68QH302 Datasheet
26Kb / 6P
Quad HDLC Integrated Multiprotocol Processor
logo
Freescale Semiconductor...
MC68LC302 FREESCALE-MC68LC302 Datasheet
569Kb / 6P
Low Cost Integrated Multiprotocol Processor
MC68EN302 FREESCALE-MC68EN302 Datasheet
559Kb / 8P
Integrated Multiprotocol Processor with Ethernet
MC68LC302AF20VCT FREESCALE-MC68LC302AF20VCT Datasheet
570Kb / 6P
Low Cost Integrated Multiprotocol Processor
MC68LC302AF20CT FREESCALE-MC68LC302AF20CT Datasheet
575Kb / 6P
Low Cost Integrated Multiprotocol Processor
MC68LC302CAF16CT FREESCALE-MC68LC302CAF16CT Datasheet
570Kb / 6P
Low Cost Integrated Multiprotocol Processor
logo
NXP Semiconductors
MC68PM302 NXP-MC68PM302 Datasheet
868Kb / 6P
Integrated Multiprotocol Processor with PCMCIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com