Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR1B/C16 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # TS68302VR1B/C16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR1B/C16 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button TS68302VR1B/C16 Datasheet HTML 16Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 17Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 18Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 19Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 20Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 21Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 22Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 23Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
20
TS68302
2117A–HIREL–11/02
Figure 12. External Master Internal Asynchronous Write Cycle Timing Diagram
Table 11. AC Electrical Specifications(2)
External Master Internal Synchronous Read/write Cycles(1) f = 16.67 MHz
Num.
Symbol
Parameter
Min
Max
Unit
110
t
AVASL
Address valid to AS low
15
ns
111
t
ASLCH
AS low to clock high
30
ns
112
tCLASH
Clock low as to AS high
45
ns
113
t
ASHAH
AS high to address hold time on write
0
ns
114
t
ASH
AS inactive time
1
clk
115
tSLCH
UDS/LDS low to clock high
40
ns
116
t
CLSH
Clock low to UDS/LDS high
45
ns
117
t
RWVCH
R/W valid to clock high
30
ns
118
tCHRWH
Clock high to R/W high
45
ns
119
t
ASLIAH
AS low to IAC high
40
ns
120
t
ASHIAL
AS high to IAC low
40
ns
121
t
ASLDTL
AS low to DTACK low (0 wait state)
45
ns
122
t
CLDTL
Clock low to DTACK low (1 wait state)
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com