Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR1B/C16 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # TS68302VR1B/C16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR1B/C16 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button TS68302VR1B/C16 Datasheet HTML 25Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 26Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 27Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 28Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 29Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 30Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 31Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 32Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
29
TS68302
2117A–HIREL–11/02
Notes:
1. The ratio CLK/L1CLK must be greater than 2.5/1.
2. High impedance is measured at the 30% and 70% of VDD points, with the line at VDD/2 through 10K in parallel with 130 pF.
3. See Figure 23.
Figure 23. IDL Timing Diagram
274
L1GR hold time (from L1SY1 falling edge)
50
ns
275
SDS1-SDS2 active delay from L1CLK rising edge
10
75
ns
276
SDS1-SDS2 inactive delay from L1CLK falling edge
10
75
ns
Table 19. AC Electrical Specifications - Idle Timing(3) f = 16.67 MHz All timing measurements, unless otherwise specified,
are referenced to the L1CLK at 50% point of VDD (Continued)
Num.
Parameter
Min
Max
Unit
(OUTPUT)
L1CLK
(INPUT)
L1RXD
L1SY1
(INPUT)
SDS1
SDS2
(OUTPUT)
L1TXD
L1RQ
(OUTPUT)
L1GR
(INPUT)
265
261
263
272
268
(INPUT)
273
269
267
264
270
260
B10
276
D1
B10
B11
AB27
B26
B25
B24
B23
B22
B21
B20
D2
M
B17
B15
B14
B12
B13
B16
D1
B11
A
B27
B26
B25
B24
B23
B22
B21
B20
D2
M
B17
B15
B14
B12
B13
B16
275
262
266
271
274
1
2
3
456789
10
11
12
13
14
15
16
17
18
19
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com