Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR1B/C16 Datasheet(PDF) 36 Page - ATMEL Corporation

Part # TS68302VR1B/C16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR1B/C16 Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button TS68302VR1B/C16 Datasheet HTML 32Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 33Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 34Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 35Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 36Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 37Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 38Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 39Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
36
TS68302
2117A–HIREL–11/02
Figure 28. Interrupt Controller Block Diagram
The interrupt controller also receives external (EXRQ) requests. EXRQ interrupts are
received by the IMP according to the operational mode selected. In the normal opera-
tional mode, EXRQ interrupts are encoded onto the IPL lines. In the dedicated
operational mode, EXRQ interrupts are presented directly as IRQ7, IRQ6, and IRQ1.
The interrupt controller block diagram is shown in Figure 28. The interrupt controller fea-
tures are as follows:
•
two operational modes: normal and dedicated,
•
eighteen priority-organized interrupt sources (internal and external),
•
fully nested interrupt environment,
•
unique vector number for each internal/external source,
•
three selectable interrupt request/interrupt acknowledge pairs.
Parallel I/O Ports
Port A and port B are two general-purpose I/O ports. Each pin in the 16-bit port A may
be configured as a general-purpose I/O pin or as a dedicated peripheral interface pin.
Port B has 12 pins. Eight pins may be configured as general-purpose pins or as dedi-
cated peripheral interface pins, and four are general-purpose pins, each with interrupt
capability.
SCC1 EVENT
REGISTER
SCC2 EVENT
REGISTER
SCC3 EVENT
REGISTER
SCC1 MASK
REGISTER
SCC2 MASK
REGISTER
SCC3 MASK
REGISTER
1
1
1
TS68000 CORE
DATA BUS
IRQ7/
IPL0
IRQ6/
IPL1
IRQ1/
IPL2
INTERRUPT
PRIORITY
RESOLVER
IPL2-IPL0 TO
TS68000 CORE
IACK6
IACK1
IACK7
VECTOR
GENERATION
LOGIC
TIMERS
SCP
SMCs
DMA
PB8-PB11
3
1
2
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com