Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR1B/C16 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # TS68302VR1B/C16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR1B/C16 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TS68302VR1B/C16 Datasheet HTML 5Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 6Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 7Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 8Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 9Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 10Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 11Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 12Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
9
TS68302
2117A–HIREL–11/02
The total thermal resistance of a package (
θ
JA) can be separated into two components,
θ
JC and θCA, representing the barrier to heat flow from the semiconductor junction to the
package (case), surface (
θ
JC) and from the case to the outside ambient (θCA). These
terms are related by the equation:
θ
JA = θJC + θCA
(4)
θ
JC is device-related and cannot be influenced by the user. However, θCA is user-depen-
dent and can be minimized by such thermal management techniques as heat sinks,
ambient air cooling and thermal convection. Thus, good thermal management on the
part of the user can significantly reduce
θ
CA so that θJA approximately equals θJC. Substi-
tution of
θ
JC for θJA in equation (1) will result in a lower semiconductor junction
temperature.
Mechanical and
Environment
The microcircuits shall meet all mechanical environmental requirements of either MIL-
STD-883 for class B devices or Atmel standards.
Marking
The document that defines the marking is identified in the related reference documents.
Each microcircuit is legible and permanently marked with the following information as
minimum:
•
Atmel Logo
•
Manufacturer’s part number
•
Class B identification
•
Date-code of inspection lot
•
ESD identifier if available
•
Country of manufacturing
Quality Conformance
Inspection
DESC/MIL-STD-883
Those quality levels are in accordance with MIL-M-38535 and method 5005 of MIL-
STD-883. Groups A and B inspections are performed on each production lot. Groups C
and D inspection are performed on a periodical basis.
Electrical
Characteristics
General Requirements
All static and dynamic electrical characteristics specified. For inspection purposes, refer
to relevant specification:
•
DESC see “DESC/MIL-STD-883” on page 9
Table 5 and Table 6: Static Electrical Characteristics for all electrical variants. Test
methods refer to IEC 748-2 method number, where existing.
Table 7 and Table 8: Dynamic Electrical Characteristics. Test methods refer to this
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com