Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68302VR1B/C16 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # TS68302VR1B/C16
Description  Integrated Multiprotocol Processor IMP
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68302VR1B/C16 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button TS68302VR1B/C16 Datasheet HTML 17Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 18Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 19Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 20Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 21Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 22Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 23Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 24Page - ATMEL Corporation TS68302VR1B/C16 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
21
TS68302
2117A–HIREL–11/02
Notes:
1. See Figure 13, Figure 14 and Figure 15.
2. Specifications are valid only when SAM = 1 in the SCR.
Figure 13. External Master Internal Synchronous Read Cycle Timing Diagram
123
tASHDTH
AS high to DTACK high
45
ns
124
t
DTHDTZ
DTACK high to DTACK high impedance
15
ns
125
t
CHDOV
Clock high to data out valid
30
ns
126
tASHDZ
AS high to data high impedance
45
ns
127
t
ASHDOI
AS high to data out hold time
0
ns
128
t
ASHAI
AS high to address hold time on read
0
ns
129
tSH
UDS/LDS inactive time
1
clk
130
t
CLDIV
Data in valid to clock low
30
ns
131
t
CLDIH
Clock low to data in hold time
15
ns
Table 11. AC Electrical Specifications(2)
External Master Internal Synchronous Read/write Cycles(1) f = 16.67 MHz (Continued)
Num.
Symbol
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com