Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RD2-3CWC-M Datasheet(PDF) 48 Page - ATMEL Corporation

Part # T89C51RD2-3CWC-M
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CWC-M Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button T89C51RD2-3CWC-M Datasheet HTML 44Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 45Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 46Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 47Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 48Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 49Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 50Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 51Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
48
Rev. F - 15 February, 2001
T89C51RD2
Example : .....
; DPTR = EEPROM data pointer, A = Data to write
Wait :
MOV
A,EECON
ANL
A,#01h
JNZ
Wait
MOV
EETIM,#3Ch
; 12MHz*5 = 3Ch
MOV
EECON,#02h
; EEE=1 EEPROM mapped
MOVX @DPTR,A
; Write data to EEPROM
MOV
EECON,#50h or 52h ; Write Sequence
MOV
EECON,#A0h or A2h
....
7.4. Read Data
The following procedure is used to read the data store in the EEPROM memory:
Map the program space (Set bit EEE of EECON register)
Load DPTR with the address to read
Execute a MOVX A, @DPTR
Example :
...
; DPTR = EEPROM data pointer
MOV EECON,#02h
; EEE=1 EEPROM mapped
MOVX A,@DPTR
; Read data from EEPROM
...
; A = Data
7.5. Registers
Table 25. EECON Register
EECON (S:0D2h)
EEPROM Control Register
Reset Value= XXXX XX00b
76543210
EEPL3
EEPL2
EEPL1
EEPL0
-
-
EEE
EEBUSY
Bit Number
Bit Mnemonic
Description
7-4
EEPL3-0
Programming Launch command bits
Write 5Xh followed by AXh to EECON to launch the programming.
3
-
Not implemented, reserved for future use.a
a.
User software should not write 1s to reserved bits. These bits may be used in future 8051 family products to invoke new features. In
that case, the reset or inactive value of the new bit will be 0, and its active value will be 1. The value read from a reserved bit is
indeterminate.
2
-
Not implemented, reserved for future use.b
b.
User software should not write 1s to reserved bits. These bits may be used in future 8051 family products to invoke new features. In
that case, the reset or inactive value of the new bit will be 0, and its active value will be 1. The value read from a reserved bit is
indeterminate.
1
EEE
Enable EEPROM Space bit
Set to map the EEPROM space during MOVX instructions (Write in the column latches)
Clear to map the data space during MOVX.
0
EEBUSY
Programming Busy flag
Set by hardware when programming is in progress.
Cleared by hardware when programming is done.
Can not be set or cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com