Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RD2-3CWC-M Datasheet(PDF) 68 Page - ATMEL Corporation

Part # T89C51RD2-3CWC-M
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CWC-M Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button T89C51RD2-3CWC-M Datasheet HTML 64Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 65Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 66Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 67Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 68Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 69Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 70Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 71Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 86 page
background image
Rev. F - 15 February, 2001
68
T89C51RD2
Step 8: Input the valid address on the address lines.
Step 9: Pulse ALE/PROG once until P3.2 is high or the specified write time is reached.
Repeat step 0 through 9 changing the address and data until the entire array or until the end of the object file is
reached (See Figure 23.)
Step 10: Disable programming access (PELCK mode)
8.9.5. Verify algorithm
Verify must be done after each byte or block of bytes is programmed. In either case, a complete verify of the
programmed array will ensure reliable programming of the T89C51RD2.
P 2.7 is used to enable data output.
To verify the T89C51RD2 code the following sequence must be exercised:
Step 1:Activate the combination of program and control signals (PGMV)
Step 2: Input the valid address on the address lines.
Step 3: Read data on the data lines.
Repeat step 2 through 3 changing the address for the entire array verification (See Figure 23.).
Figure 23. Programming and Verification Signal’s Waveform
8.9.6. Extra memory mapping
The memory mapping the T89C51RD2 software registers in the Extra FLASH memory is described in the table below.
Table 34. Extra Row Memory Mapping (XAF)
Address
Default content
Copy of device ID #3
0061h
FFh
Control signals
Data In
ALE/PROG
A0-A15
Programming Cycle
D0-D7
EA
Data Out
Read/Verify Cycle
5V
0V
P2.7
48 clk (load latch ) or 10 ms (write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com