Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RD2-3CWC-M Datasheet(PDF) 67 Page - ATMEL Corporation

Part # T89C51RD2-3CWC-M
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CWC-M Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button T89C51RD2-3CWC-M Datasheet HTML 63Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 64Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 65Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 66Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 67Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 68Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 69Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 70Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 86 page
background image
67
Rev. F - 15 February, 2001
T89C51RD2
Figure 22. Set-Up Modes Configuration
8.9.4. Programming Algorithm
To program the T89C51RD2 the following sequence must be exercised:
Check the signature bytes
Check the HSB (VSB mode)
If the security bits are activated, the following commands must be done before programming:
Unlock test modes (PEULCK mode, pulse 55h and AAh)
Chip erase (CERR mode)
Write FFh in the HSB (PGMS mode)
Write the signature bytes content in the XAF
As the boot loader and the XAF content is lost after a "chip erase", it must be reprogrammed if needed.
Disable programming access (PELCK mode)
To write a page in the FLASH memory, execute the following steps:
Step 0: Enable programming access (PEULCK mode)
Step 1: Activate the combination of control signals (PGML mode)
Step 2: Input the valid address on the address lines (High order bits of the address must be stable during the
complete ALE low time)
Step 3: Activate the combination of control signals (PGML mode)
Step 4: Input the appropriate data on the data lines.
Step 5: Pulse ALE/PROG once.
Repeat step 2 through 5 changing the address and data for end of a 128 bytes page
Step 6: Enable programming access (PEULCK mode)
Step 7: Activate the combination of control signals (PGMC mode)
+5V
VCC
P0.0-P0.7
P1.0-P1.7
P2.0-P2.5
VSS
GND
D0-D7
A0-A7
A8-A13
RST
EA
ALE/PROG
PSEN
P2.6
P2.7
P3.3
P3.7
P3.6
XTAL1
4 to 6 MHz
CONTROL
SIGNALS*
PROGRAM
SIGNALS*
P3.4
A14
P3.5
A15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com