Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RD2-3CWC-M Datasheet(PDF) 64 Page - ATMEL Corporation

Part # T89C51RD2-3CWC-M
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CWC-M Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button T89C51RD2-3CWC-M Datasheet HTML 60Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 61Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 62Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 63Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 64Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 65Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 66Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 67Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 86 page
background image
Rev. F - 15 February, 2001
64
T89C51RD2
Note: These functions can only be called by user’s code. The standard boot loader cannot decrease the security level.
8.9. FLASH Parallel Programming
8.9.1. Signature bytes
Four hardware read only registers have to be accessed with parallel static test modes (mode TMS) in order to
control the FLASH parallel programmimg:
Manufacturer code
Device ID # 1: Family code
Device ID # 2: Memories size and type
Device ID # 3: Name and revision
As these registers can only be accessed by hardware, they must be read by the parallel programmers and then
copied in the XAF in order to make their values accessible by software (ISP or API).
8.9.2. Set-up modes
In order to program and verify the FLASH or to read the signature bytes, the T89C51RD2 is placed in specific
set-up modes (See Figure 22).
Control and program signals must be held at the levels indicated in Table 37. and Table 38.(Please notice that
each mode is defined over the two tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com