Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RD2-3CWC-M Datasheet(PDF) 53 Page - ATMEL Corporation

Part # T89C51RD2-3CWC-M
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CWC-M Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button T89C51RD2-3CWC-M Datasheet HTML 49Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 50Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 51Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 52Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 53Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 54Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 55Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 56Page - ATMEL Corporation T89C51RD2-3CWC-M Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
53
Rev. F - 15 February, 2001
T89C51RD2
Table 28. Program Lock bits
U: unprogrammed or "one" level.
P: programmed or "zero" level.
X:do not care
WARNING: Security level 2 and 3 should only be programmed after FLASH and code verification.
These security bits protect the code access through the parallel programming interface. They are set by default to
level 4. The code access through the ISP is still possible and is controlled by the "software security bits" which
are stored in the extra FLASH memory accessed by the ISP firmware.
To load a new application with the parallel programmer, a chip erase must first be done. This will set the HSB
in its inactive state and will erase the FLASH memory, including the boot loader and the "Extra FLASH Memory"
(XAF). If needed, the 1K boot loader and the XAF content must be programmed in the FLASH; the code is
provided by ATMEL Wireless and Microcontrollers (see section 8.7. ); the part reference can always be read using
FLASH parallel programming modes.
8.4.2.3. Default values
The default value of the HSB provides parts ready to be programmed with ISP:
SB: Cleared to secure the content of the HSB.
BLJB: Cleared to force ISP operation.
BLLB: Clear to protect the default boot loader.
LB2-0: Security level four to protect the code from a parallel access with maximum security.
8.4.3. Software registers
Several registers are used, in factory and by parallel programmers, to make copies of hardware registers contents.
These values are used by ATMEL Wireless and Microcontrollers ISP (see section 8.7. ).
These registers are in the "Extra FLASH Memory" part of the FLASH memory. This block is also called "XAF"
or eXtra Array FLASH. They are accessed in the following ways:
Commands issued by the parallel memory programmer.
Commands issued by the ISP software.
Calls of API issued by the application software.
Program Lock Bits
Protection description
Security
level
LB0
LB1
LB2
1
U
U
U
No program lock features enabled. MOVC instruction executed from external program
memory returns non encrypted data.
2
P
U
U
MOVC instruction executed from external program memory are disabled from fetching
code bytes from internal memory, EA is sampled and latched on reset, and further
parallel programming of the FLASH is disabled.ISP and software programming with
API are still allowed.
3
X
P
U
Same as 2, also verify through parallel programming interface is disabled.
4
X
X
P
Same as 3, also external execution is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com