Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE032 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 23Page - Texas Instruments AFE032 Datasheet HTML 24Page - Texas Instruments AFE032 Datasheet HTML 25Page - Texas Instruments AFE032 Datasheet HTML 26Page - Texas Instruments AFE032 Datasheet HTML 27Page - Texas Instruments AFE032 Datasheet HTML 28Page - Texas Instruments AFE032 Datasheet HTML 29Page - Texas Instruments AFE032 Datasheet HTML 30Page - Texas Instruments AFE032 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
DIN
SCLK
DOUT
CS
SPI
Slave
ASYNCH
FIFO
Device Control
Register Bank
SCLK
Valid
Data
Write Data
Address
Read Data
Clock Divider
XCLK
Block 1
Bypass
Block 2
Bypass
Block 3
Bypass
Block 4
Bypass
Clip and
Offset
12-Bit
DAC
DAC_CLK
DAC_OUT
Device DSP Path
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
A minimum of ten DAC_CLK cycles must be inserted between consecutive write operations and a minimum of
five DAC_CLK cycles must be inserted between consecutive read operations.
DAC Mode
The device digital logic contains four digital processing blocks to condition incoming DAC samples delivered from
an external processor. The digital processing blocks in the device are referred to as the DSP path, as shown in
Figure 22.
Figure 22. AFE032 DSP Path
Each block in the DSP path can be enabled or disabled to accommodate for different application scenarios.
Processing DAC samples through the device can be broken down as follows:
•
The device receives DAC samples (12 bits per sample) from an external DSP through the SPI at a rate of fS
samples per second.
•
The device receives the 12-bit samples and processes them as real signed numbers. Thus, bit 11 is
processed as a sign bit. Therefore, the absolute value of each sample has 11 bits of resolution.
•
The device extracts the DAC samples from the SPI and synchronizes them to DAC_CLK through the
ASYNCH FIFO.
NOTE
The only exception to the 12-bit DAC sample length is when using a 16-bit envelope. See
the SPI Envelope Exception Case section for more details.
When an external DSP is ready to send DAC samples to the device, the DAC_MODE pin is asserted. The device
digital logic reconfigures the SPI slave to run in a proprietary mode of operation in order to receive samples from
the external DSP. In other words, the SPI interface becomes a write-only serial interface so that the external
DSP can send DAC samples to the device. Each sample must be 12 bits wide.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com