Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE032 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 4Page - Texas Instruments AFE032 Datasheet HTML 5Page - Texas Instruments AFE032 Datasheet HTML 6Page - Texas Instruments AFE032 Datasheet HTML 7Page - Texas Instruments AFE032 Datasheet HTML 8Page - Texas Instruments AFE032 Datasheet HTML 9Page - Texas Instruments AFE032 Datasheet HTML 10Page - Texas Instruments AFE032 Datasheet HTML 11Page - Texas Instruments AFE032 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: Digital
At TCASE = +25°C, VPAVS = 15 V, and VAVDD = VDVDD = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (SCLK, DI, CS, SD, DAC, XCLK)
Leakage input current
0 V
≤ VIN ≤ DVDD
–1
0.01
1
µA
VIH
High-level input voltage
0.7 × DVDD
V
VIL
Low-level input voltage
0.3 × DVDD
V
SD pin high
SD > 0.7 × DVDD
Device in shutdown
SD pin function
(active high)
SD pin low
SD < 0.3 × DVDD
Device in normal operation
DAC pin high
DAC > 0.7 × DVDD
SPI access to DAC registers
DAC pin function
(active high)
DAC pin low
DAC < 0.3 × DVDD
SPI access to command and data registers
XCLK frequency range
XCLK jitter < 180 ps
5
40
MHz
DIGITAL OUTPUTS (DO, ZC_OUT)
VOH
High-level output voltage
IOH = 3 mA
DVDD – 0.4
DVDD
V
VOL
Low-level output voltage
IOL = –3 mA
GND
GND + 0.4
V
DIGITAL OUTPUTS (INT, TX_FLAG, RX_FLAG)
IOH
High-level output current
VOH = 3.3 V
1
µA
VOL
Low-level output voltage
IOL = 4 mA
0.4
V
IOL
Low-level output current
VOL = 400 mV
4
mA
INT pin high
INT sink high < 1 µA
Normal operation
INT pin (active low,
open-drain)
INT pin low
INT < 0.4 V
Interrupt has occurred
TX_FLAG pin high
TX_FLAG sink high < 1 µA
Tx block disabled
TX_FLAG (active low,
open-drain)
TX_FLAG pin low
TX_FLAG < 0.4 V
Tx block ready
RX_FLAG pin high
RX_FLAG sink high < 1 µA
Rx block disabled
RX_FLAG (active
low, open-drain)
RX_FLAG pin low
RX_FLAG < 0.4 V
Rx block ready
GAIN TIMING
Gain select time
0.2
µs
SHUTDOWN MODE TIMING
Enable time
SD pin transitions from high to low
3
ms
Disable time
SD pin transitions from low to high
2
ms
POR TIMING
Power-on reset power-up time
DVDD
≥ 2 V
3
ms
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com