Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE032 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 29 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 25Page - Texas Instruments AFE032 Datasheet HTML 26Page - Texas Instruments AFE032 Datasheet HTML 27Page - Texas Instruments AFE032 Datasheet HTML 28Page - Texas Instruments AFE032 Datasheet HTML 29Page - Texas Instruments AFE032 Datasheet HTML 30Page - Texas Instruments AFE032 Datasheet HTML 31Page - Texas Instruments AFE032 Datasheet HTML 32Page - Texas Instruments AFE032 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
Table 6. Recommended Clock Divider Values for Different Frequency Bands and XCLK = 37.5 MHz
Frequency band
Clock divider value (decimal)
POST_CLK_DIV (Hex)
PRE_CLK_DIV (Hex)
CENELEC A
22
10
1
ARIB
7
0
6
FCC
7
0
6
Table 7 provides the recommended coefficient values (in hexadecimal form) for block 1.
Table 7. Recommended Coefficient Values for Block 1 of DSP Path
Register
CENELEC A
ARIB
FCC
REG_COEFF1_BLOCK_1_MS
Disable
CC
A3
REG_COEFF1_BLOCK_1_LS
Disable
40
E0
REG_COEFF2_BLOCK_1_MS
Disable
E4
D8
REG_COEFF2_BLOCK_1_LS
Disable
50
E0
REG_COEFF3_BLOCK_1_MS
Disable
40
40
REG_COEFF3_BLOCK_1_LS
Disable
00
00
REG_COEFF4_BLOCK_1_MS
Disable
78
7E
REG_COEFF4_BLOCK_1_LS
Disable
40
80
REG_COEFF5_BLOCK_1_MS
Disable
40
40
REG_COEFF5_BLOCK_1_LS
Disable
00
00
REG_COEFF6_BLOCK_1_MS
Disable
30
17
REG_COEFF6_BLOCK_1_LS
Disable
C0
A0
REG_COEFF7_BLOCK_1_MS
Disable
15
3E
REG_COEFF7_BLOCK_1_LS
Disable
A0
D0
Table 8 provides the recommended coefficient values (in hexadecimal form) for block 2.
Table 8. Recommended Coefficient Values for Block 2 of DSP Path
Register
CENELEC A
ARIB
FCC
REG_COEFF1_BLOCK_2_MS
10
F8
D4
REG_COEFF1_BLOCK_2_LS
40
30
00
REG_COEFF2_BLOCK_2_MS
00
00
00
REG_COEFF2_BLOCK_2_LS
00
00
00
REG_COEFF3_BLOCK_2_MS
0C
0C
0C
REG_COEFF3_BLOCK_2_LS
F0
B0
60
REG_COEFF4_BLOCK_2_MS
0C
0C
0C
REG_COEFF4_BLOCK_2_LS
F0
B0
60
REG_COEFF5_BLOCK_2_MS
00
00
00
REG_COEFF5_BLOCK_2_LS
00
00
00
REG_COEFF6_BLOCK_2_MS
06
C3
96
REG_COEFF6_BLOCK_2_LS
E0
80
20
REG_COEFF7_BLOCK_2_MS
D1
D0
CC
REG_COEFF7_BLOCK_2_LS
80
F0
70
REG_COEFF8_BLOCK_2_MS
0A
09
19
REG_COEFF8_BLOCK_2_LS
C0
20
A0
REG_COEFF9_BLOCK_2_MS
06
0D
30
REG_COEFF9_BLOCK_2_LS
00
C0
E0
REG_COEFF10_BLOCK_2_MS
0A
09
19
REG_COEFF10_BLOCK_2_LS
C0
20
A0
REG_COEFF11_BLOCK_2_MS
2D
60
3B
REG_COEFF11_BLOCK_2_LS
20
60
C0
REG_COEFF12_BLOCK_2_MS
69
6B
6E
REG_COEFF12_BLOCK_2_LS
60
90
80
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com