Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE032 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 43 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 39Page - Texas Instruments AFE032 Datasheet HTML 40Page - Texas Instruments AFE032 Datasheet HTML 41Page - Texas Instruments AFE032 Datasheet HTML 42Page - Texas Instruments AFE032 Datasheet HTML 43Page - Texas Instruments AFE032 Datasheet HTML 44Page - Texas Instruments AFE032 Datasheet HTML 45Page - Texas Instruments AFE032 Datasheet HTML 46Page - Texas Instruments AFE032 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
Table 19. REG_HPF/LPF_CFG Register (Address = 05h)
7
6
5
4
3
2
1
0
Enable assist
LPF band select
Reserved
HPF band select
Reserved
R/W
R/W
R/W
R/W
R
LEGEND: R/W = read and write; R = read only.
Bit 7
Enable assist
This bit must be asserted as part of the analog signal chain (Tx and Rx PGAs and filters) enabling process.
0 = Enable assist circuitry is not engaged (default)
1 = Enable assist circuitry is engaged (recommended for best performance)
Bits[6:4]
LPF band select
This bit selects the programmable analog LPF cutoff frequency.
000 = 95 kHz (default)
001 = 150 kHz
010 = 420 kHz
011 = 490 kHz
Bit 3
Reserved
This bit is reserved.
Default = 0
Bits[2:1]
HPF band select
This bit selects the programmable analog HPF cutoff frequency.
00 = 35 kHz (default)
01 = 150 kHz
Bit 0
Reserved
This bit is reserved.
Default = 0
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com