Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE032 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 42 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 38Page - Texas Instruments AFE032 Datasheet HTML 39Page - Texas Instruments AFE032 Datasheet HTML 40Page - Texas Instruments AFE032 Datasheet HTML 41Page - Texas Instruments AFE032 Datasheet HTML 42Page - Texas Instruments AFE032 Datasheet HTML 43Page - Texas Instruments AFE032 Datasheet HTML 44Page - Texas Instruments AFE032 Datasheet HTML 45Page - Texas Instruments AFE032 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
Table 18. REG_PA_CURRENT_CFG Register (Address = 04h)
7
6
5
4
3
2
1
0
PA IQ current control
PA current limit
ENPAIQN
ENPAIQP
ENPAICLN
ENPAICLP
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = read and write.
Bits[7:6]
PA IQ current control
These bits control the PA programmable quiescent current.
00 = > 55 mA, typ (default)
01 = > 80 mA, typ
10 = > 95 mA, typ
11 = > 25 mA, typ
Bits[5:4]
PA current limit
These bits control the PA programmable current limit.
00 = > 1.25 A, typ (default)
01 = > 1.8 A, typ
10 = > 2.5 A, typ
11 = > 3.0 A, typ
Bit 3
ENPAIQN
This bit enables and disables the PA quiescent current negative bias circuitry.
0 = Disabled (default)
1 = Enabled
Bit 2
ENPAIQP
This bit enables and disables the PA quiescent current positive bias circuitry.
0 = Disabled (default)
1 = Enabled
Bit 1
ENPAICLN
This bit enables and disables the PA negative current limit circuitry.
0 = The PA negative current limit circuitry is enabled and protects the device (default)
1 = The PA negative current limit circuitry is disabled and the device is at risk of permanent damage if a current
overload event occurs
Bit 0
ENPAICLP
This bit enables and disables the PA positive current limit circuitry.
0 = The PA positive current limit circuitry is enabled and protects the device (default)
1 = The PA positive current limit circuitry is disabled and the device is at risk of permanent damage if a current
overload event occurs
42
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com